Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M032FD3AE Datasheet(PDF) 71 Page - Nuvoton Technology Corporation

Part # M032FD3AE
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M032FD3AE Datasheet(HTML) 71 Page - Nuvoton Technology Corporation

Back Button M032FD3AE Datasheet HTML 67Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 68Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 69Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 70Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 71Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 72Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 73Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 74Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 75Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 274 page
background image
M031/M032
Feb 25, 2019
Page 71 of 274
Rev. 1.01
Pin Name
Type
MFP
Description
TM1
I/O
MFP14
Timer1 event counter input/toggle output pin.
INT2
I
MFP15
External interrupt 2 input pin.
PC.7
PC.7
I/O
MFP0
General purpose digital I/O pin.
EBI_AD9
I/O
MFP2
EBI address/data bus bit 9.
UART0_nCTS
I
MFP7
UART0 clear to Send input pin.
PWM1_CH2
I/O
MFP11
PWM1 channel 2 output/capture input.
TM0
I/O
MFP14
Timer0 event counter input/toggle output pin.
INT3
I
MFP15
External interrupt 3 input pin.
PC.14
PC.14
I/O
MFP0
General purpose digital I/O pin.
EBI_AD11
I/O
MFP2
EBI address/data bus bit 11.
SPI0_I2SMCLK
I/O
MFP4
SPI0 I
2S master clock output pin
USCI0_CTL0
I/O
MFP5
USCI0 control 0 pin.
TM1
I/O
MFP13
Timer1 event counter input/toggle output pin.
PD.0
PD.0
I/O
MFP0
General purpose digital I/O pin.
EBI_AD13
I/O
MFP2
EBI address/data bus bit 13.
USCI0_CLK
I/O
MFP3
USCI0 clock pin.
SPI0_MOSI
I/O
MFP4
SPI0 MOSI (Master Out, Slave In) pin.
TM2
I/O
MFP14
Timer2 event counter input/toggle output pin.
PD.1
PD.1
I/O
MFP0
General purpose digital I/O pin.
EBI_AD12
I/O
MFP2
EBI address/data bus bit 12.
USCI0_DAT0
I/O
MFP3
USCI0 data 0 pin.
SPI0_MISO
I/O
MFP4
SPI0 MISO (Master In, Slave Out) pin.
PD.2
PD.2
I/O
MFP0
General purpose digital I/O pin.
EBI_AD11
I/O
MFP2
EBI address/data bus bit 11.
USCI0_DAT1
I/O
MFP3
USCI0 data 1 pin.
SPI0_CLK
I/O
MFP4
SPI0 serial clock pin.
UART0_RXD
I
MFP9
UART0 data receiver input pin.
PD.3
PD.3
I/O
MFP0
General purpose digital I/O pin.
EBI_AD10
I/O
MFP2
EBI address/data bus bit 10.
USCI0_CTL1
I/O
MFP3
USCI0 control 1 pin.
SPI0_SS
I/O
MFP4
SPI0 slave select pin.
UART0_TXD
O
MFP9
UART0 data transmitter output pin.
PD.15
PD.15
I/O
MFP0
General purpose digital I/O pin.
PWM0_CH5
I/O
MFP12
PWM0 channel 5 output/capture input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com