Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M032FD3AE Datasheet(PDF) 14 Page - Nuvoton Technology Corporation

Part # M032FD3AE
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M032FD3AE Datasheet(HTML) 14 Page - Nuvoton Technology Corporation

Back Button M032FD3AE Datasheet HTML 10Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 11Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 12Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 13Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 14Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 15Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 16Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 17Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 18Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 274 page
background image
M031/M032
Feb 25, 2019
Page 14 of 274
Rev. 1.01
32-bit Timer
TIMER
Four sets of 32-bit timers, each timer having one 24-bit up
counter and one 8-bit prescale counter
Independent clock source for each timer
Provides one-shot, periodic, toggle-output and continuous
counting operation modes
24-bit up counter value is readable through CNT
(TIMERx_CNT[23:0])
Supports event counting function from external pin.
Supports event counting source from internal USB SOF signal
24-bit capture value is readable through CAPDAT
(TIMERx_CAP[23:0])
Supports external capture pin event for interval measurement
Supports external capture pin event to reset 24-bit up counter
Supports internal capture triggered while internal ACMP output
signal and LIRC transition
Supports chip wake-up from Idle/Power-down mode if a timer
interrupt signal is generated
Supports Timer0 ~ Timer3 time-out interrupt signal or capture
interrupt signal to trigger PWM, ADC, PDMA function
Supports Inter-Timer trigger mode
PWM
Supports maximum clock source frequency up to 96 MHz
Supports up to two PWM modules, each module provides 6
output channels.
Supports independent mode for PWM output/Capture input
channel
Supports complementary mode for 3 complementary paired
PWM output channels
Dead-time insertion with 12-bit resolution
Two compared values during one period
Supports 12-bit pre-scalar from 1 to 4096
Supports 16-bit resolution PWM counter
Up, down and up/down counter operation type
Supports mask function and tri-state enable for each PWM pin
Supports brake function
Brake source from pin, ACMP and system safety events: clock
failed, Brown-out detection and CPU lockup.
Noise filter for brake source from pin
Edge detect brake source to control brake state until brake
interrupt cleared
Level detect brake source to auto recover function after brake
condition removed
Supports interrupt on the following events:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com