Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FS98O24 Datasheet(PDF) 21 Page - Fortune Semiconductor Corp.

Part # FS98O24
Description  8-bit MCU with 4k program EPROM, 256-byte RAM
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS98O24 Datasheet(HTML) 21 Page - Fortune Semiconductor Corp.

Back Button FS98O24 Datasheet HTML 17Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 18Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 19Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 20Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 21Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 22Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 23Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 24Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 25Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 77 page
background image
3.3.3. STATUS Register
The STATUS register contains the arithmetic status of ALU and the RESET status. The STATUS register is
similar to other registers, and can be the destination for any instruction. If the STATUS register is the
destination for an instruction that affects the Z or C bit, then the writing to these three bits is disabled. These
bits are set or cleared according to the device logic. The TO and PD bits are not writable.
Register STATUS at address 04H
property
R/W-0
R/W-0
U-X
R-0
R-0
U-X
R/W-X
R/W-X
STATUS
IRP1
IRP0
PD
TO
C
Z
Bit7
Bit0
Bit 7
IRP1
: Indirect address 1 page select
1 = Indirect address 1 extend memory address is set (Memory 1XXH)
0 = Indirect address 1 extend memory address is Not set (Memory 0XXH)
Bit 6
IRP0
: Indirect address 0 page select
1 = Indirect address 0 extend memory address is set (Memory 1XXH)
0 = Indirect address 0 extend memory address is Not set (Memory 0XXH)
Bit 4
PD
: Power down Flag.
1 = By execution of SLEEP instruction
0 = After power-on reset
Bit 3
TO
: Watch Dog Time Out Flag. Cleared by writing 0 and Set by Watch Dog Time Out
1 = A Watch Dog Timer time-out occurred
0 = After power-on reset
Bit 1
C
: Carry Flag/borrow Flag (~Borrow)
(for borrow the polarity is reversed)
1 = If there is a carry out from the Most Significant bit of the result
0 = No carry out from the most significant bit of the result
Bit 0
Z
: Zero Flag
1 = The result of an arithmetic or logic operation is zero
0 = The result of an arithmetic or logic operation is NOT zero
property
R = Readable bit
W = Writable bit
U = unimplemented bit
- n = Value at Power On
reset
‘1’ = Bit is Set
‘0’ = Bit is Cleared
X = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com