Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVCZ161284A Datasheet(PDF) 3 Page - STMicroelectronics

Part # 74LVCZ161284A
Description  LOW VOLTAGE HIGH SPEED IEEE 1284 TRANSCEIVER WITH ERROR-FREE POWER-UP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVCZ161284A Datasheet(HTML) 3 Page - STMicroelectronics

  74LVCZ161284A Datasheet HTML 1Page - STMicroelectronics 74LVCZ161284A Datasheet HTML 2Page - STMicroelectronics 74LVCZ161284A Datasheet HTML 3Page - STMicroelectronics 74LVCZ161284A Datasheet HTML 4Page - STMicroelectronics 74LVCZ161284A Datasheet HTML 5Page - STMicroelectronics 74LVCZ161284A Datasheet HTML 6Page - STMicroelectronics 74LVCZ161284A Datasheet HTML 7Page - STMicroelectronics 74LVCZ161284A Datasheet HTML 8Page - STMicroelectronics 74LVCZ161284A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
74LVCZ161284A
3/12
PIN DESCRIPTION
TRUTH TABLE
PIN N°
SYMBOL
NAME AND FUNCTION
1
HD
High Drive Enable Input
2, 3, 4, 5, 6
A9 to A13
Side A Input
8, 9, 11, 12, 13, 14, 16, 17
A1 to A8
Side A Input or Output
19
PLI
Peripheral Logic Input
20, 21, 22, 23
A14 to A17
Side A Output
24
HLO
Host Logic Output
25
HLI
Host Logic Input
29, 28, 27, 26
C14 to C17
Side Cable Output
30
PLO
Peripheral Logic Output
41, 40, 38, 37, 36, 35, 33, 32
B1 to B8
Side Cable Input or Output
47, 46, 45, 44, 43
Y9 to Y13
Side Cable Output
48
DIR
Direction Control Input
10, 15, 34, 39
GND
Ground (0V)
7, 18
VCC
Positive Supply Voltage
31, 42
VCC/CABLE
Cable Power Supply
INPUT
OUTPUT
OUTPUT
DIR
HD
LL
B1-B8 Data to A1-A8
A9-A13 Data to Y9-Y13
C14-C17 Data to A14-A17
Y9-Y13 and PLO Open
Drain
LH
Y9-Y13 and PLO Totem
Pole
HL
A1-A8 Data to B1-B8
A9-A13 Data to Y9-Y13
C14-C17 Data to A14-A17
B1-B8 Y9-Y13 and PLO
Open Drain
HH
B1-B8 Y9-Y13 and PLO
Totem Pole



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com