Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVCZ161284A Datasheet(PDF) 5 Page - STMicroelectronics

Part # 74LVCZ161284A
Description  LOW VOLTAGE HIGH SPEED IEEE 1284 TRANSCEIVER WITH ERROR-FREE POWER-UP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVCZ161284A Datasheet(HTML) 5 Page - STMicroelectronics

  74LVCZ161284A Datasheet HTML 1Page - STMicroelectronics 74LVCZ161284A Datasheet HTML 2Page - STMicroelectronics 74LVCZ161284A Datasheet HTML 3Page - STMicroelectronics 74LVCZ161284A Datasheet HTML 4Page - STMicroelectronics 74LVCZ161284A Datasheet HTML 5Page - STMicroelectronics 74LVCZ161284A Datasheet HTML 6Page - STMicroelectronics 74LVCZ161284A Datasheet HTML 7Page - STMicroelectronics 74LVCZ161284A Datasheet HTML 8Page - STMicroelectronics 74LVCZ161284A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
74LVCZ161284A
5/12
DC SPECIFICATIONS
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
VCCcable
(V)
-40 to 85 °C
Min.
Max.
VIH
High Level
Input Voltage
An, Bn, PLIN, DIR, HD
3.0
to
3.6
3.0
to
5.5
2
V
Cn
2.3
HLIN
2.6
VIL
Low Level
Input Voltage
An, Bn, PLIN, DIR, HD
0.8
V
Cn
0.8
HLIN
1.6
VOH
High Level
Output Voltage
An, HL
3.0
3.0
IO=-50µA
2.8
V
3.0
3.0
IO=-4mA
2.4
Bn, Yn
3.0
3.0
IO=-14mA
2.0
Bn, Yn
3.0
4.5
IO=-14mA
2.23
PL
3.15
3.15
IO=-500µA
3.1
VOL
Low Level
Output Voltage
An, HL
3.0
3.0
IO=50µA
0.2
V
3.0
3.0
IO=4mA
0.4
Bn, Yn
3.0
3.0
IO=14mA
0.8
Bn, Yn
3.0
4.5
IO=14mA
0.77
PL
3.0
3.0
IO=84mA
0.95
PL
3.0
4.5
IO=84mA
0.90
II
Input Current
Cn
3.6
3.6
VI = VCC
50
µA
3.6
3.6
VI=GND (Pull-up res)
-3.5
mA
All input except B or C
3.6
5.0
VI = VCC or GND
± 1
µA
ICC
Quiescent Supply Current
3.6
5.0
VI = VCC IO=0
0.8
mA
VI=GND (12xPull-up)
45
IOZ
High
Impedance
Output
Leakage
Current
Bn
3.6
5.0
VO = VCC
20
µA
3.6
3.6
VO=GND (Pull-up res)
-3.5
mA
A1-A8
3.6
5.0
VO = VCC or GND
± 20
µA
Open Drain Y Output
3.6
3.6
VO=GND (Pull-up res)
-3.5
mA
IOFF
Power Off
Leakage
Current
B, Y output (to GND)
05.0
VI or VO = 0 to 7V
100
µA
B, Y output (to VCC)
05.0
VI or VO = 0 to 7V
10
µA
Vhys
Input
Hysteresis
An, Bn, PLIN, DIR, HD
3.3
5.0
0.4
V
Cn
3.3
5.0
0.8
HLIN
3.3
5.0
0.2
ZO
Output
Impedance
B1-B8, Y9-Y13
3.3
5.0
VB = VOH
30
55
Ω
RP
Pull-up
Resistance
B1-B8, Y9-Y13,
C14-C17
3.3
5.0
VB = VOH
1150
1650
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com