Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVCZ161284A Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74LVCZ161284A
Description  LOW VOLTAGE HIGH SPEED IEEE 1284 TRANSCEIVER WITH ERROR-FREE POWER-UP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVCZ161284A Datasheet(HTML) 4 Page - STMicroelectronics

  74LVCZ161284A Datasheet HTML 1Page - STMicroelectronics 74LVCZ161284A Datasheet HTML 2Page - STMicroelectronics 74LVCZ161284A Datasheet HTML 3Page - STMicroelectronics 74LVCZ161284A Datasheet HTML 4Page - STMicroelectronics 74LVCZ161284A Datasheet HTML 5Page - STMicroelectronics 74LVCZ161284A Datasheet HTML 6Page - STMicroelectronics 74LVCZ161284A Datasheet HTML 7Page - STMicroelectronics 74LVCZ161284A Datasheet HTML 8Page - STMicroelectronics 74LVCZ161284A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
74LVCZ161284A
4/12
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Rating are those value beyond which damage to the device may occur. Functional operation under these condition is not
implied
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +4.6
V
VCCcable
Cable Supply Voltage (must be
≥ VCC)
-0.5 to +7.0
V
VIA
DC Input Voltage A1-A13, PLIN, DIR, HDIN
-0.5 to +VCC + 0.5
V
VIB
DC Input Voltage B1-B8, C14-C17, HLIN
-0.5 to +5.5
V
VIBp
DC Input Voltage B1-B8, C14-C17, HLIN (40ns transient)
-2 to +7
V
VOA
DC Output Voltage A1-A8, A14-A17, HLIN
-0.5 to +VCC + 0.5
V
VOB
DC Output Voltage B1-B8, Y9-Y13, PLIN
-0.5 to +5.5
V
VOBp
DC Output Voltage B1-B8, Y9-Y13, PLIN (40ns transient)
-2 to +7
V
IIK
DC Input Diode Current DIR, HD A9-A13, PLIN C14-C17
- 20
mA
IOK
DC Output Diode Current
A1-A8, A14-A17, HLIN
± 50
mA
B1-B8, Y9-Y13, PLIN
- 50
IO
DC Output Current
A1-A8, HLIN
± 25
mA
B1-B8, Y9-Y13
± 50
PLO = LOW
84
PLO = HIGH
-50
ICC or IGND DC VCC or Ground Current per Supply Pin
± 200
mA
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
300
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
3.0 to 3.6
V
VCCcable
Cable Supply Voltage
3.0 to 5.5
V
VI
Input Voltage
0 to VCC
V
VO
Open Drain Output Voltage
0 to 5.5
V
Top
Operating Temperature
-40 to 85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com