Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29DW128F70NF6F Datasheet(PDF) 13 Page - STMicroelectronics

Part # M29DW128F70NF6F
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V Supply, Flash Memory
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F70NF6F Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M29DW128F70NF6F Datasheet HTML 9Page - STMicroelectronics M29DW128F70NF6F Datasheet HTML 10Page - STMicroelectronics M29DW128F70NF6F Datasheet HTML 11Page - STMicroelectronics M29DW128F70NF6F Datasheet HTML 12Page - STMicroelectronics M29DW128F70NF6F Datasheet HTML 13Page - STMicroelectronics M29DW128F70NF6F Datasheet HTML 14Page - STMicroelectronics M29DW128F70NF6F Datasheet HTML 15Page - STMicroelectronics M29DW128F70NF6F Datasheet HTML 16Page - STMicroelectronics M29DW128F70NF6F Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 93 page
background image
M29DW128F
1 Summary description
13/93
Figure 5.
Block Addresses (x16)
1.
Also see Appendix A, Table 34 for a full listing of the Block Addresses.
AI08967
32 KWords
400000h
407FFFh
32 KWords
7F0000h
7F7FFFh
(x16)
Address lines A22-A0
32 KWords
6F8000h
6FFFFFh
Total of 96
Main Blocks
32 KWords
700000h
707FFFh
4 KWords
7FF000h
7FFFFFh
4 KWords
7F8000h
7F8FFFh
Total of 31
Main Blocks
Total of 8
Parameter
Blocks
Bank C
Bank D
4 KWords
000000h
000FFFh
32 KWords
0F8000h
0FFFFFh
4 KWords
007000h
007FFFh
Total of 8
Parameter
Blocks
32 KWords
008000h
00FFFFh
32 KWords
3F8000h
3FFFFFh
32 KWord
100000h
107FFFh
Total of 31
Main Blocks
Total of 96
Main Blocks
Bank B
Bank A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com