Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29DW128F70NF6F Datasheet(PDF) 20 Page - STMicroelectronics

Part # M29DW128F70NF6F
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V Supply, Flash Memory
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F70NF6F Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M29DW128F70NF6F Datasheet HTML 16Page - STMicroelectronics M29DW128F70NF6F Datasheet HTML 17Page - STMicroelectronics M29DW128F70NF6F Datasheet HTML 18Page - STMicroelectronics M29DW128F70NF6F Datasheet HTML 19Page - STMicroelectronics M29DW128F70NF6F Datasheet HTML 20Page - STMicroelectronics M29DW128F70NF6F Datasheet HTML 21Page - STMicroelectronics M29DW128F70NF6F Datasheet HTML 22Page - STMicroelectronics M29DW128F70NF6F Datasheet HTML 23Page - STMicroelectronics M29DW128F70NF6F Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 93 page
background image
3 Bus operations
M29DW128F
20/93
Table 5.
Block Protection, 8-bit Mode
Table 6.
Bus Operations, 16-bit Mode
Table 7.
Read Electronic Signature, 16-bit Mode
Operation
(1)
1.
X = VIL or VIH.
E
G
W
RP
VPP/
WP
Address Inputs(2)
2.
BKA Bank Address, BA any Address in the Block.
Data Inputs/Outputs
A22-
A12
A11-
A10
A9
A8 A7
A6
A5-
A4
A3-
A2
A1
A0
DQ15A
-1
DQ14-
DQ8
DQ7-DQ0
Verify
Extended
Block
Protection
Indicator
(bits DQ6,
DQ7)
VIL VIL VIH VIH
VIH
BA
X
VID
X
X
VIL
X
VIL VIH
VIH
X
Hi-Z
80h
(Customer
Lockable)
C0h
(Customer
Locked)(3)
3.
This indicates the protection status of the second section of the Extended Block; the first section of the Extended Block
being always Factory Locked.
Verify Block
Protection
Status
BKA
VIL
VIL
VIL
X
01h
(protected)
00h
(unprotected)
Temporary
Block
Unprotect
(4)
4.
The RP pin unprotects all the blocks that have been previously protected using a High Voltage protection Technique.
XX
X
VID
X
Valid
Data Input
Operation(1)
1.
X = VIL or VIH.
E
G
W
RP
VPP/
WP
Address Inputs
Data Inputs/Outputs
A22-A0
DQ15A-1, DQ14-DQ0
Bus Read
VIL
VIL
VIH
VIH
VIH
Cell Address
Data Output
Bus Write
VIL
VIH
VIL
VIH
VIH
Command Address
Data Input
Output Disable
X
VIH
VIH
VIH
VIH
X
Hi-Z
Standby
VIH
XX
VIH
VIH
X
Hi-Z
Read Cycle(1)
1.
X = VIL or VIH.
E
G
W
Address Inputs
Data Inputs/Outputs
A22-
A10
A9
A8
A7-
A6
A5-
A4
A3
A2
A1
A0
DQ15A-1, DQ14-DQ0
Manufacturer Code
VIL
VIL
VIH
X
VID
X
VIL
X
VIL
VIL
VIL
VIL
0020h
Device Code (Cycle 1)
VIL
VIL
VIL
VIL
VIH
227Eh
Device Code (Cycle 2)
VIH
VIH
VIH
VIL
2220h
Device Code (Cycle 3)
VIH
VIH
VIH
VIH
2200h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com