Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29DW128F70NF6F Datasheet(PDF) 41 Page - STMicroelectronics

Part # M29DW128F70NF6F
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V Supply, Flash Memory
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F70NF6F Datasheet(HTML) 41 Page - STMicroelectronics

Back Button M29DW128F70NF6F Datasheet HTML 37Page - STMicroelectronics M29DW128F70NF6F Datasheet HTML 38Page - STMicroelectronics M29DW128F70NF6F Datasheet HTML 39Page - STMicroelectronics M29DW128F70NF6F Datasheet HTML 40Page - STMicroelectronics M29DW128F70NF6F Datasheet HTML 41Page - STMicroelectronics M29DW128F70NF6F Datasheet HTML 42Page - STMicroelectronics M29DW128F70NF6F Datasheet HTML 43Page - STMicroelectronics M29DW128F70NF6F Datasheet HTML 44Page - STMicroelectronics M29DW128F70NF6F Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 93 page
background image
M29DW128F
6 Command Interface
41/93
6.3.13 Verify Non-Volatile Modify Protection Bit command
The status of a Non-Volatile Modify Protection bit for a given block or group of blocks can be
read by issuing a Verify Non-Volatile Modify Protection Bit command along with the block
address.
6.3.14 Clear Non-Volatile Modify Protection Bits command
This command is used to clear all Non-Volatile Modify Protection bits. No specific block address
is required. If the Lock-Down bit is set to ‘1’, the command will fail.
Six cycles are required to issue a Clear Non-Volatile Modify Protection Bits command:
1.
The first two cycles are unlock cycles.
2.
The third cycle issues the command.
3.
The last three cycles verify if the operation has been successful. If DQ0 is set to ’0’, all
Non-Volatile Modify Protection bits have been successfully cleared. If DQ0 is ‘1’, the
operation has failed and the command must be re-issued.
There must be a 12ms delay between the fourth and fifth cycles.
6.3.15 Set Lock Bit command
The Set Lock Bit command individually sets the Lock bit to ‘1’ for a given block or group of
blocks.
If the Non-Volatile Lock bit for the same block or group of blocks is set, the block is locked
regardless of the value of the Lock bit. (see Table 10: Block Protection Status).
6.3.16 Clear Lock Bit command
The Clear Lock Bit command individually clears (sets to ‘0’) the Lock Bit for a given block or
group of blocks.
If the Non-Volatile Lock bit for the same block or group of blocks is set, the block or group of
blocks remains locked (see Table 10: Block Protection Status).
6.3.17 Verify Lock Bit command
The status of a Lock bit for a given block can be read by issuing a Verify Lock Bit command
along with the block address.
6.3.18 Set Lock-Down Bit command
This command is used to set the Lock-Down bit to ‘1’ thus protecting the Non-Volatile Modify
Protection bits from program and erase.
There is no Unprotect Lock-Down Bit command.
6.3.19 Verify Lock-Down Bit command
This command is used to read the status of the Lock-Down bit. The status is output on bit DQ1.
If DQ1 is ‘1’, all the Non-Volatile Modify Protection bits are protected from program or erase
operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com