Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GTVA261802FC-V1-R2 Datasheet(PDF) 3 Page - Cree, Inc

Part # GTVA261802FC-V1-R2
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 170 W, 48 V, 2620 ??2690 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

GTVA261802FC-V1-R2 Datasheet(HTML) 3 Page - Cree, Inc

  GTVA261802FC-V1-R2 Datasheet HTML 1Page - Cree, Inc GTVA261802FC-V1-R2 Datasheet HTML 2Page - Cree, Inc GTVA261802FC-V1-R2 Datasheet HTML 3Page - Cree, Inc GTVA261802FC-V1-R2 Datasheet HTML 4Page - Cree, Inc GTVA261802FC-V1-R2 Datasheet HTML 5Page - Cree, Inc GTVA261802FC-V1-R2 Datasheet HTML 6Page - Cree, Inc GTVA261802FC-V1-R2 Datasheet HTML 7Page - Cree, Inc GTVA261802FC-V1-R2 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 02, 2018-09-25
3
GTVA261802FC
Typical Performance (datatakenintestfixture)
0
10
20
30
40
50
60
-70
-60
-50
-40
-30
-20
-10
27
32
37
42
47
52
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 48 V, IDQ(MAIN) = 160 mA,
ƒ = 2690 MHz, 3GPP WCDMA signal,
PAR = 10 dB, BW = 3.84 MHz
ACPU
ACPL
Efficiency
gtva261802fc_g2
35
40
45
50
55
14
15
16
17
18
2550
2600
2650
2700
2750
Frequency (MHz)
Single-carrier WCDMA Broadband
Performance
VDD = 48 V, IDQ(MAIN) = 160 mA,
POUT = 47 dBm, 3GPP WCDMA signal,
PAR = 10 dB
Efficiency
Gain
gtva261802fc_g3
-30
-25
-20
-15
-35
-30
-25
-20
2550
2600
2650
2700
2750
Frequency (MHz)
Single-carrier WCDMA Broadband
Performance
VDD = 48 V, IDQ(MAIN) = 160 mA,
POUT = 47 dBm, 3GPP WCDMA signal,
PAR = 10 dB
ACPU
ACPL
IRL
gtva261802fc_g4
0
10
20
30
40
50
60
70
13
14
15
16
17
18
19
20
29
33
37
41
45
49
53
Output Power (dBm)
CW Performance
VDD = 48 V, IDQ(MAIN) = 160 mA
2620MHz Gain
2655MHz Gain
2690MHz Gain
2620MHz Eff
2655MHz Eff
2690MHz Eff
gtva261802fc_g5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com