Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RV4145AMT Datasheet(PDF) 4 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # RV4145AMT
Description  Low Power Ground Fault Interrupter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

RV4145AMT Datasheet(HTML) 4 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  RV4145AMT Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. RV4145AMT Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. RV4145AMT Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. RV4145AMT Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. RV4145AMT Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. RV4145AMT Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. RV4145AMT Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. RV4145AMT Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. RV4145AMT Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
RV4145A
Low Power Ground Fault Interrupter
www.artschip.com
4
Principles of Operation
The 26V shunt regulator voltage generated by the string of
zener diodes is divided into three reference voltages:3/4 Vs,
1/2 Vs, and 1/4 Vs. VREF is at 1/2 VS and is used as reference
to create an artifical ground of +13V at the op amp
non-iverting input.
Figure 1 shows a three-wire 120V AC outlet GFI application
using an RV4145A. Fault signals from the sense transformer
are AC coupled into the input and are amplified according to
the following equation:
V7 = RSENSE X ISENSE/N
Where V7 is the RMS voltage at pin 7 relative to pin 3, RSENSE
is the value of the feedback resistor connected from pin 7 to
pin 1, ISENSE is the fault current in amps RMS and N is the
turns ratio of the transformer: When V7 exceeds plus or minus
7.2V relative to pin 3 the SCR Trigger output will go high and
fire the external SCR.
The formula for V7 is approximate because it does not include
the sense transformer characteristics.
Grounded neutral fault detection is accomplished when a
short or fault closes a magnetic path between the sense
transformer and the grounded neutral transformer. The
resultant AC coupling closes a positive feedback path around
the op amp, and therefore the op amp oscillates. When the
peaks of the oscillation voltage exceed the SCR trigger
comparator thresholds, the SCR output will go high.
Shunt Regulator
RLINE limits the current into the shunt regulator; 220V
applications will require substituting a 47kΩ 2W resistor. In
addition to supplying power to the IC, the shunt regulator
creates internal reference voltages (see above).
Operational Amplifier
RSENSE is a feedback resistor that sets gain and therefore
sensitivity to normal faults. To adjust RSENSE, follow this
procedure: apply the desired fault current (a difference in
current of 5mA is the UL 943 standard). Adjust RSENSE
upward until the SCR activates. A fixed resistor can be used
for RSENSE, since the resultant ±15% variation in sensitivity
will meet UL’s 943 4-6mA specification window.
The roll-off frequency is greater than the grounded neutral
fault oscillation frequency, in order to preserve loop gain for
oscillation frequency, in order to preserve loop gain for
oscillation (which is determined by the inductance of the 200:1
transformer and C4).
The sensitivity to grounded neutral faults is adjusted by
changing the frequency of oscillation. Increasing the
frequency reduces the sensitivity by reducing the loop gain of
the positive feedback circuit. As frequency increases, the
signal becomes attenuated and the loop gain decreases. With
the values shown the circuit will detect a grounded neutral
fault having resistance of 2Ω or less.
The input to the op amp are protected from overvoltage by
back-to back diodes.
SCR Driver
The SCR used must have a high dV/dt rating to ensure that
line noise (generated by noisy appliances such as a drill motor)
does not falsely trigger the SCR. Also, the SCR must have a
gate drive requirement of less than 200 µA. CF is a noise filter
capacitor that prevents narrow pulses from firing the SCR.
The relay solenoid used should have a 3ms or less response
time in order to meet the UL943 timing requirement.
Sense Transformers and Cores
The sense and grounded neutral neutral transformer cores
are usually fabricated using high permeability laminated steel
rings. Their single turn primary is created by passing the line
and neutral wires through the center of its core. The line and
neutral wires through the center of its core. The secondary is
usually from 200 to 1500 turns.
Magnetic Metals Corporation, Camden, NJ08101, (609)
964-7842, and Magnetics, 900E. Butler Road, P,O. Box 391,
Butler, PA 16003, (412) 282-8282 are full line suppliers of ring
cores and transformers designed specifically for GFI
applications.
Two-Wire Application Circuit
Figure 2 shows the diagram of a 2-wire: 20V AC outlet GFI
circuit using an RV4145A. This circuit is not designed to
detect grounded neutral faults. Thus, the grounded neutral
transformer and capacitors C3 and C4 of Figure 1 are not
used.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com