Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RV4145AMT Datasheet(PDF) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # RV4145AMT
Description  Low Power Ground Fault Interrupter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

RV4145AMT Datasheet(HTML) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  RV4145AMT Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. RV4145AMT Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. RV4145AMT Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. RV4145AMT Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. RV4145AMT Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. RV4145AMT Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. RV4145AMT Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. RV4145AMT Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. RV4145AMT Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
RV4145A
Low Power Ground Fault Interrupter
www.artschip.com
1
Features
No potentiomenter required
Direct interface to SCR
Supply voltage derived from AC line-26V shunt
Adjustable sensitivity
Grounded neutral fault detection
Meets U.L. 943 standards
450µA quiescent current
Ideal for 120V or 220V systems
Description
The RV4145A is a low power controller for AC outlet ground
fault interrupters. These devices detect hazardous grounding
conditions, such as equipment (connected to opposite phases
of the AC line) in contact with a pool of water and open circuits
the line before a harmful or lethal shock occurs.
Contained internally are a 26V zener shunt regulator, an op
amp, and an SCR driver. With the addition of two sense
transformers, a bridge rectifier, an SCR, a relay, and a few
additional components, the RV4145A will detect and protect
against both hot wire to ground and neutral wire to ground
faults. The simple layout and conventional design ensure
ease of application and long-term reliability.
Block Diagram
Pin Assignments


Similar Part No. - RV4145AMT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RV4145AMT FAIRCHILD-RV4145AMT Datasheet
85Kb / 10P
Low Power Ground Fault Interrupter
logo
ON Semiconductor
RV4145AMT ONSEMI-RV4145AMT Datasheet
873Kb / 12P
Low-Power Ground Fault Interrupter
April 2014 Rev. 1.0.6
More results

Similar Description - RV4145AMT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RV4141A FAIRCHILD-RV4141A Datasheet
345Kb / 8P
Low Power Ground Fault Interrupter
RV4145A FAIRCHILD-RV4145A Datasheet
367Kb / 11P
Low Power Ground Fault Interrupter
RV4141A FAIRCHILD-RV4141A_05 Datasheet
67Kb / 7P
Low Power Ground Fault Interrupter
RV4145A FAIRCHILD-RV4145A_04 Datasheet
85Kb / 10P
Low Power Ground Fault Interrupter
logo
KODENSHI_AUK CORP.
KK4145A KODENSHI-KK4145A Datasheet
284Kb / 7P
Low Power Ground Fault Interrupter
logo
IK Semicon Co., Ltd
IL4145A IKSEMICON-IL4145A Datasheet
267Kb / 7P
Low Power Ground Fault Interrupter
logo
Fairchild Semiconductor
RV4141A FAIRCHILD-RV4141A_11 Datasheet
503Kb / 9P
Low-Power, Ground-Fault Interrupter
logo
Unisonic Technologies
GV4145A UTC-GV4145A_15 Datasheet
303Kb / 7P
LOW POWER GROUND FAULT INTERRUPTER
logo
IK Semicon Co., Ltd
IL4145A IKSEMICON-IL4145A_16 Datasheet
440Kb / 7P
Low Power Ground Fault Interrupter
logo
ON Semiconductor
RV4141A ONSEMI-RV4141A Datasheet
487Kb / 11P
Low-Power, Ground-Fault Interrupter
December 2011 Rev. 1.0.8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com