Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RV4145AMT Datasheet(PDF) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # RV4145AMT
Description  Low Power Ground Fault Interrupter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

RV4145AMT Datasheet(HTML) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  RV4145AMT Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. RV4145AMT Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. RV4145AMT Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. RV4145AMT Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. RV4145AMT Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. RV4145AMT Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. RV4145AMT Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. RV4145AMT Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. RV4145AMT Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
RV4145A
Low Power Ground Fault Interrupter
www.artschip.com
2
Absolute Maximum Ratings
(beyond which the device may be damaged)
1
Parameter
Min
Typ
Max
Units
Supply Current
18
mA
Internal Power Dissipation
500
mW
Storage Temperature Range
-65
+150
℃
Operating Temperature Range
-35
+85
℃
Junction Temperature
125℃
60 Sec, DIP
300
℃
Lead Soldering Temperature
10 Sec, SOIC
260
℃
SOIC
300
mW
PD TA<50℃
PDIP
450
mW
SOIC
4
mW/℃
For TA>50℃ Derate at
PDIP
6
mW/℃
Notes:
1.
Functional operation under any of these conditions is NOT implied. Performance and reliability are guaranteed only if
Operating Conditions are not exceeded.
Operating Conditions
Parameter
Min
Typ
Max
Units
SOIC
240
℃
/W
ӨJA
Thermal resistance
PDIP
160
℃
/W
Electrical Characteristics
(Is=1.5mA and TA=+25℃)
Parameters
Test Conditions
Min
Typ
Max
Units
Detector Reference Voltage
Pin 7 to Pin3
6.8
7.2
8.1
±V
Shunt Regulator
Zener Voltage (+Vs)
Pin 6 to Pin 4
25
26
29.2
V
Reference Voltage (VREF)
Pin 3 to Pin 4
12.5
13
14.6
V
Quiescent Current (Is)
+Vs=24V
450
750
µA
Operational Amplifier
Offset Voltage
Pin 2 to Pin 3
-3.0
0.5
+3.0
mV
+Output Voltage Swing
Pin 7 to Pin 3
6.8
7.2
8.1
V
-Output Voltage Swing
Pin 7 to Pin 3
-9.5
-11.2
-13.5
V
+Output Source Current
Pin 7 to Pin 3
650
µA
-Output Source Current
Pin 7 to Pin 3
1.0
mA
Gain Bandwidth Product
F=50KHz
1.0
1.8
MHz
Resistors
Is=0mA
R1
Pin 1 to Pin 3
10
kΩ
R2
Pin 2 to Pin 3
10
kΩ
R3
Pin 5 to Pin 4
3.5
4.7
5.9
kΩ
SCR Trigger Voltage
Pin 5 to Pin 4
Detector On
1.5
2.8
V
Detector Off
0
1
10
mV



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com