Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC4525EEVB Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC4525EEVB
Description  28V 3A Step-Down Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4525EEVB Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC4525EEVB Datasheet HTML 8Page - Semtech Corporation SC4525EEVB Datasheet HTML 9Page - Semtech Corporation SC4525EEVB Datasheet HTML 10Page - Semtech Corporation SC4525EEVB Datasheet HTML 11Page - Semtech Corporation SC4525EEVB Datasheet HTML 12Page - Semtech Corporation SC4525EEVB Datasheet HTML 13Page - Semtech Corporation SC4525EEVB Datasheet HTML 14Page - Semtech Corporation SC4525EEVB Datasheet HTML 15Page - Semtech Corporation SC4525EEVB Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
SC4525E
2
Applications Information (Cont.)


x
x
+
x
D
=
D
O
SW
L
O
C
F
8
1
ESR
I
V
where C
O is the output capacitance.
Since the inductor ripple current DI
L increases as D
decreases (see first inductor selection capacitor equation),
the output ripple voltage is therefore the highest when
V
IN is at its maximum.
A 22µF to 47µF X5R ceramic capacitor is found adequate
for output filtering in most applications. Ripple current in
the output capacitor is not a concern because the inductor
current of a buck converter directly feeds C
O, resulting in
very low capacitor ripple current. Avoid using Z5U and
Y5V ceramic capacitors for output filtering because these
types of capacitors have high temperature and high voltage
coefficients.
Freewheeling Diode
Use of Schottky barrier diodes as freewheeling rectifiers
reduces diode reverse recovery input current spikes,
easing high-side current sensing in the SC4525E. These
diodes should have an average forward current rating
at least 3A and a reverse blocking voltage of at least a
few volts higher than the input voltage. For switching
regulators operating at low duty cycles (i.e. low output
voltage to input voltage conversion ratios), it is beneficial
to use freewheeling diodes with somewhat higher
average current ratings (thus lower forward voltages). This
is because the diode conduction interval is much longer
than that of the transistor. Converter efficiency will be
improved if the voltage drop across the diode is lower.
The 20BQ030 (International Rectifier), B320A, B330A
(Diodes Inc.), SS33 (Vishay), CMSH3-20MA and CMSH3-
40MA (Central-Semi.) are all suitable.
The freewheeling diode should be placed close to the SW
pin of the SC4525E on the PCB to minimize ringing due to
trace inductance.
Bootstrapping the Power Transistor
To maximize efficiency, the turn-on voltage across the
internal power NPN transistors should be minimized. If
these transistors are to be driven into saturation, then
their bases will have to be driven from a power supply
higher in voltage than V
IN. The required driver supply volt-
age (at least 2.3V higher than the SW voltage) is gener-
ated with a bootstrap circuit (the diode D
 and the capaci-
tor C
 in Figure 6). The bootstrapped output (the common
node between D
 and C) is connected to the BST pin of
the SC4525E.
The minimum BST to SW voltage required to fully satu-
rate the power transistor is shown in Figure 5. The mini-
mum required V
C increases as temperature decreases.
The bootstrap circuit reaches equilibrium when the base
charge drawn from C
 during transistor on time is equal to
the charge replenished during the off interval.
Figure 5. Typical Minimum Bootstrap Voltage required
to Saturate the Transistor (I
SW= -3.9A)
Figure 6 summarizes various ways of bootstrapping the
SC4525E. A fast switching PN diode (such as N448 or
N94) and a small (0.33μF – 0.47μF) ceramic capacitor
can be used for D
 and C, respectively.
In Figure 6(a) the power switch is bootstrapped from the
output. This is the most efficient configuration and it also
results in the least voltage stress at the BST pin. The maxi-
mum BST pin voltage is about V
IN + VOUT. The minimum
V
OUT required for this bootstrap configuration is 2.5V. If the
output voltage is between 2.5V and 3V, then use a small
Schottky diode (such as BAt54) for D
 to maximize the
bootstrap voltage.
Minimum Bootstrap Voltage
vs Temperature
1.6
1.7
1.8
1.9
2.0
2.1
2.2
-50
-25
0
25
50
75
100 125
Temperature (oC)
ISW =-3.9A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com