Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC4525EEVB Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC4525EEVB
Description  28V 3A Step-Down Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4525EEVB Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC4525EEVB Datasheet HTML 12Page - Semtech Corporation SC4525EEVB Datasheet HTML 13Page - Semtech Corporation SC4525EEVB Datasheet HTML 14Page - Semtech Corporation SC4525EEVB Datasheet HTML 15Page - Semtech Corporation SC4525EEVB Datasheet HTML 16Page - Semtech Corporation SC4525EEVB Datasheet HTML 17Page - Semtech Corporation SC4525EEVB Datasheet HTML 18Page - Semtech Corporation SC4525EEVB Datasheet HTML 19Page - Semtech Corporation SC4525EEVB Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
SC4525E
6
Applications Information (Cont.)
It has a dominant low-frequency pole F
P at
and double poles at half the switching frequency.
Including the voltage divider (R
4 and R6), the control to
feedback transfer function is found and plotted in Figure
9 as the converter gain.
Since the converter gain has only one dominant pole at
low frequency, a simple Type-2 compensation network
is sufficient for voltage loop compensation. As shown in
Figure 9, the voltage compensator has a low frequency
integrator pole, a zero at F
Z, and a high frequency pole
at F
P. The integrator is used to boost the gain at low
frequency. The zero is introduced to compensate the
excessive phase lag at the loop gain crossover due to the
integrator pole (-90deg) and the dominant pole (-90deg).
The high frequency pole nulls the ESR zero and attenuates
high frequency noise.
Fp
Fsw/2
Fz1
Fp1
Fc
Fz
1K
10K
100K
1M
10M
-60
-30
0
30
60
FREQUENCY (Hz)
CONV
ERTER
GAIN
LOOP
GAIN
COMP
ENSAT
OR GA
IN
Figure 9 — Bode plots for voltage loop design
Therefore, the procedure of the voltage loop design for
the SC4525E can be summarized as:
() Plot the converter gain, i.e. control to feedback transfer
function.
(2) Select the open loop crossover frequency, F
C, between
0% and 20% of the switching frequency. At F
C, find the
required compensator gain, A
C. In typical applications with
ceramic output capacitors, the ESR zero is neglected and
the required compensator gain at F
C can be estimated by
(3) Place the compensator zero, F
Z, between 0% and
20% of the crossover frequency, F
C.
(4) Use the compensator pole, F
P, to cancel the ESR zero, FZ.
(5) Then, the parameters of the compensation network
can be calculated by
m
7
g
10
R
20
C
A
=
7
Z1
5
R
F
π
2
1
C =
7
P1
8
R
F
π
2
1
C =
where g
m=0.3mA/V is the EA gain of the SC4525E.
Example: Determine the voltage compensator for an
800kHz, 2V to 3.3V/3A converter with 47uF ceramic
output capacitor.
Choose a loop gain crossover frequency of 80kHz, and
place voltage compensator zero and pole at F
Z=6kHz
(20% of F
C), and FP=600kHz. From the equation in step
(2), the required compensator gain at F
C is
dB
14.1
3.
3
0.
1
10
47
10
80
2
1
10
53
.3
18.5
1
log
20
A
6
3
3
C
Then the compensator parameters are
16.9k
10
3
0.
10
R
3
7
20
14.1
=
×
=
−
0.589nF
10
16.9
10
16
2π
1
C
3
3
5
=
×
×
×
×
=
15.7pF
10
9
.
16
10
600
π
2
1
C
3
3
8
=
×
×
×
×
=
Select R
7=6.9k, C5=0.68nF, and C8=22pF for the design.
Compensator parameters for various typical applications
are listed in Table 5.
O
p
C
R
1
ω ≈



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com