Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC4525EEVB Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC4525EEVB
Description  28V 3A Step-Down Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4525EEVB Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC4525EEVB Datasheet HTML 11Page - Semtech Corporation SC4525EEVB Datasheet HTML 12Page - Semtech Corporation SC4525EEVB Datasheet HTML 13Page - Semtech Corporation SC4525EEVB Datasheet HTML 14Page - Semtech Corporation SC4525EEVB Datasheet HTML 15Page - Semtech Corporation SC4525EEVB Datasheet HTML 16Page - Semtech Corporation SC4525EEVB Datasheet HTML 17Page - Semtech Corporation SC4525EEVB Datasheet HTML 18Page - Semtech Corporation SC4525EEVB Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
SC4525E
5
Applications Information (Cont.)
Minimum Soft-start Capacitance Css
To ensure normal operation, the minimum soft-start
capacitance C
SS can be calculated in terms of the output
capacitance C
O and output load current IO according to
the following equations.
Substituting the first equation into the second equation,
where V
SS is the soft-start capacitor voltage and ISS is the
soft-start charging current. V
 is the voltage defined in
Figure 2.
To ensure successful startup, the total current drawn
from the output must be less than the maximum output
capability of the part,
3.5A
dt
dV
C
R
V
0
0
0
≤
×
+
Substituting the third equation of this section into the
previous equation,
3.5A
C
C
2I
R
V
SS
0
SS
0
≤
×
+
Rearranging,
−
×
≥
R
V
3.5A
C
2I
C
0
0
SS(MAX)
SS
Therefore the minimum C
SS depends on the output
capacitance and the load current. Larger C
SS is necessary
when starting into a heavy load (small R).
If the regulator is to be started by turning on a bench
power supply then C
SS will be best determined empirically
because the rise time of a power supply can range from
a few milliseconds to a few hundred milliseconds. With
the maximum load applied, the output voltage rise is
observed using a 22nF for C
SS. Adjust CSS until a linear VOUT
ramp is achieved.
Loop Compensation
The goal of compensation is to shape the frequency
response of the converter so as to achieve high DC
accuracy and fast transient response while maintaining
loop stability (see Figure 8).
The block diagram in Figure 8 shows the control loops of a
buck converter with the SC4525E. The inner loop (current
loop) consists of a current sensing resistor (R
s=3.53mW)
and a current amplifier (CA) with gain (G
CA=8.5). The
outer loop (voltage loop) consists of an error amplifier
(EA), a PWM modulator, and a LC filter.
Since the current loop is internally closed, the remaining
task for the loop compensation is to design the voltage
compensator (C
5, R7, and C8).
+
-
Vo
L1
C o
R esr
C O M P
EA
R EF
Vc
SW
C O N TR O LLER AN D SC H O TTKY D IO D E
FB
PW M
M O D U LATO R
Vram p
C A
R4
R6
C 5
R 7
C 8
Io
R s
Figure 8. Block diagram of control loops
For a converter with switching frequency F
SW, output
inductance L
, output capacitance CO and loading R, the
control (V
C) to output (VO) transfer function in Figure 8 is
given by:
)
/ω
s
Q
s/ω
(1
)
s/ω
(1
)
C
R
s
(1
G
V
V
2
n
2
n
p
O
ESR
PWM
c
o
+
+
+
+
=
This transfer function has a finite DC gain
S
CA
PWM
R
G
R
G
×
≈
It has an ESR zero F
Z at
O
ESR
Z
C
R
1
ω =
SS
SS
SS
C
I
dt
dV
=
(
)
[
]
1.2V
V
2
dt
d
dt
dV
dt
dV
SS
1
0
−
=
=
SS
SS
0
C
2I
dt
dV
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com