Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MLX90364AXB Datasheet(PDF) 13 Page - Melexis Microelectronic Systems

Part # MLX90364AXB
Description  Sensor Assembly
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90364AXB Datasheet(HTML) 13 Page - Melexis Microelectronic Systems

Back Button MLX90364AXB Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90364AXB Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90364AXB Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90364AXB Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90364AXB Datasheet HTML 13Page - Melexis Microelectronic Systems MLX90364AXB Datasheet HTML 14Page - Melexis Microelectronic Systems MLX90364AXB Datasheet HTML 15Page - Melexis Microelectronic Systems MLX90364AXB Datasheet HTML 16Page - Melexis Microelectronic Systems MLX90364AXB Datasheet HTML 17Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
MLX90364AxB
Triaxis® Position
Sensor Assembly
MLX90364AXB
Page 13 of 36
Datasheet
Rev.1.1
07/09/12
10.
MLX90364 Accuracy Specification
10.1. Normal Magnetic range: 20 mT ≤ B < 70 mT
DC Operating Parameters at VDD = 5V (unless otherwise specified) and for TA as specified by the
Temperature suffix L.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
ADC Resolution on the raw
signals sine and cosine(5)
RADC
15
bits
Thermal Offset Drift #1(6)
at the DSP input (excl. DAC and
output stage)
-90
+90
LSB15
Thermal Offset Drift #2
( DAC and Output Stage)
-0.2
+0.2
%VDD
Thermal Drift of Sensitivity
Mismatch(7)
XY axis
XZ (YZ) axis
- 0.5
-1
+ 0.5
+1
%
%
Magnetic Angle phase error
TA = 25°C – XY axis
TA = 25°C – XZ axis
TA = 25°C – YZ axis
-0.3
-2
-10
0.3
2
10
Deg.
Thermal Drift of Magnetic Angle
phase error
XY axis, XZ (YZ) axis
0.01
Deg.
XY – Intrinsic Linearity Error(8)
Le
TA = 25°C – factory trim. “SMISM”
-1
1
Deg
XZ - Intrinsic Lin. Error(8)
Le
TA = 25°C – “k” trimmed for XZ
-2.5
±
1.25
2.5
Deg
YZ - Intrinsic Lin. Error(8)
Le
TA = 25°C – “k” trimmed for YZ
-10
±
2.5
+10
Deg
Analog Output Resolution
RDAC
12b DAC (Theoretical, Noise free)
INL (before EOL calibration)
DNL
-4
0.05
0.025
1
+4
3
%VDD/LSB12
LSB12
LSB12
Output stage Noise
Clamped Output
0.05
0.075
%VDD
Noise pk-pk(9)
Slow mode, Filter=2
Fast mode, Filter=0
0.10
0.15
0.2
0.2
Deg
Deg
Ratiometry Error (Analog output
only)
4.5V ≤ VDD ≤ 5.5V
LT4V ≤ VDD ≤ MT7V
-0.05
-0.1
+0.05
+0.1
%VDD
%VDD
5
16 bits corresponds to 15 bits + sign. Internal computation is performed using 16 bits.
6
For instance, in case of a rotary position sensor application, Thermal Offset Drift #1 equal ± 60LSB15 yields to max. ± 0.3 Deg.
angular error for the computed angular information (output of the DSP). This is only valid if k = 1. “MLX90364 Front-End
Application Note” will be released for more details.
7
For instance, in case of a rotary position sensor application, Thermal Drift of Sensitivity Mismatch equal ± 0.5% yields to max. ±
0.15 Deg. angular error for the computed angular information (output of the DSP). See “MLX90364 Front-End Application Note”
for more details.
8
The Intrinsic Linearity Error refers to the IC itself (offset, sensitivity mismatch, orthogonality) taking into account an ideal rotating
field for BX and BY. Once associated to a practical magnetic construction and the associated mechanical and magnetic
tolerances, the output linearity error increases. However, it can be improved with the multi-point end-user calibration. The intrinsic
Linearity Error for Magnetic angle ∠XZ and ∠YZ can be reduced through the programming of the k factor.
9
Noise pk-pk (peak-to-peak) is here intended as 6 times the Noise standard Deviation. The application diagram used is
described in the recommended wiring. For detailed information, refer to section Filter in application mode (Section 15.5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com