Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MLX90364AXB Datasheet(PDF) 2 Page - Melexis Microelectronic Systems

Part # MLX90364AXB
Description  Sensor Assembly
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90364AXB Datasheet(HTML) 2 Page - Melexis Microelectronic Systems

  MLX90364AXB Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90364AXB Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90364AXB Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90364AXB Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90364AXB Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90364AXB Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90364AXB Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90364AXB Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90364AXB Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
MLX90364AxB
Triaxis® Position
Sensor Assembly
MLX90364AxB
Page 2 of 36
Datasheet
Rev.1.1
07/09/12
Ordering Information
Product Code
Temperature Code
Package Code
Option code
Packing form code
MLX90364
L
VS
ABB-100
RE
MLX90364
L
VS
ABB-100
TU
MLX90364
L
VS
ABB-101
RE
MLX90364
L
VS
ABB-103
RE
MLX90364
L
VS
ABB-200
RE
MLX90364
L
VS
ABB-200
TU
MLX90364
L
VS
ABB-201
RE
MLX90364
L
VS
ABB-203
RE
MLX90364
L
VS
ADB-100
RE
MLX90364
L
VS
ADB-100
TU
MLX90364
L
VS
ADB-101
RE
MLX90364
L
VS
ADB-103
RE
MLX90364
L
VS
ADB-200
RE
MLX90364
L
VS
ADB-200
TU
MLX90364
L
VS
ADB-201
RE
MLX90364
L
VS
ADB-203
RE
Legend:
Temperature Code:
L for Temperature Range - 40°C to 150°C,
Package Code:
VS for DMP-4
Option Code:
AAA-123:
AAA: die version
1: IMC placement
23: Trim and form option:
•
00: Standard (straight leads) see section 20.1
•
01: Trim and Form STD1 2.54 see section 20.2
•
03: Trim and Form STD2 2.54 see section 20.3
Packing Form:
RE for Reel (face-up)
TU for Tube
Ordering Example:
MLX90364LVS-ADB-200-RE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com