Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MLX90364AXB Datasheet(PDF) 21 Page - Melexis Microelectronic Systems

Part # MLX90364AXB
Description  Sensor Assembly
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90364AXB Datasheet(HTML) 21 Page - Melexis Microelectronic Systems

Back Button MLX90364AXB Datasheet HTML 17Page - Melexis Microelectronic Systems MLX90364AXB Datasheet HTML 18Page - Melexis Microelectronic Systems MLX90364AXB Datasheet HTML 19Page - Melexis Microelectronic Systems MLX90364AXB Datasheet HTML 20Page - Melexis Microelectronic Systems MLX90364AXB Datasheet HTML 21Page - Melexis Microelectronic Systems MLX90364AXB Datasheet HTML 22Page - Melexis Microelectronic Systems MLX90364AXB Datasheet HTML 23Page - Melexis Microelectronic Systems MLX90364AXB Datasheet HTML 24Page - Melexis Microelectronic Systems MLX90364AXB Datasheet HTML 25Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
MLX90364AxB
Triaxis® Position
Sensor Assembly
MLX90364AXB
Page 21 of 36
Datasheet
Rev.1.1
07/09/12
15.2.5. 17-Pts LNR Parameters
The LNR parameters, together with the clamping values, fully define the relation (the transfer function)
between the digital angle and the output signal.
The shape of the MLX90364 transfer function from the digital angle value to the output voltage is
described by the drawing below. In the 16-Pts mode, the output transfer characteristic is Piece-Wise-
Linear (PWL).
W = range from65.5° up to 360°
0%
CLAMPLOW
100%
DP
LNR_Y1
LNR_Y2
LNR_Y14
LNR_Y15
LNR_Y16
CLAMPHIGH
x
x
x
x
x
x
DP + 360
360 - W
( 360 – W ) /2
( 360 – W ) /2
LNR_Y0
Figure 9 - Input range from 65.5°up to 360°
All the Y-coordinates can be programmed from -50% up to +150% to allow clamping in the middle of one
segment (like on the figure), but the output value is limited to CLAMPLOW and CLAMPHIGH values.
Between two consecutive points, the output characteristic is interpolated.
The parameter W determines the input range on which the 17 points (16 segments) are uniformly spread:
W
Range
∆
∆
∆
∆
x
W
Range
∆
∆
∆
∆
x
0 (0000b)
360.0deg
22.5deg
8
180.0deg
11.3deg
1
320.0deg
20.0deg
9
144.0deg
9.0deg
2
288.0deg
18.0deg
10
120.0deg
7.5deg
3
261.8deg
16.4deg
11
102.9deg
6.4deg
4
240.0deg
15.0deg
12
90.0deg
5.6deg
5
221.5deg
13.8deg
13
80.0deg
5.0deg
6
205.7deg
12.9deg
14
72.0deg
4.5deg
7
192.0deg
12.0deg
15
(1111b)
65.5deg
4.1deg
Outside of the selected range, the output will remain in clamping levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com