Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GD25LE40C Datasheet(PDF) 16 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE40C
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE40C Datasheet(HTML) 16 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE40C Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE40C Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE40C Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE40C Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE40C Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE40C Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE40C Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE40C Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE40C Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 75 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE40C/20C/10C/05C
16
6
STATUS REGISTER
S15
S14
S13
S12
S11
S10
S9
S8
SUS1
CMP
LB3
LB2
LB1
SUS2
QE
SRP1
S7
S6
S5
S4
S3
S2
S1
S0
SRP0
BP4
BP3
BP2
BP1
BP0
WEL
WIP
The status and control bits of the Status Register are as follows:
WIP bit
The Write in Progress (WIP) bit indicates whether the memory is busy in program/erase/write status register progress. When
WIP bit sets to 1, means the device is busy in program/erase/write status register progress, when WIP bit sets 0, means
the device is not in program/erase/write status register progress.
WEL bit
The Write Enable Latch (WEL) bit indicates the status of the internal Write Enable Latch. When set to 1 the internal Write
Enable Latch is set, when set to 0 the internal Write Enable Latch is reset and no Write Status Register, Program or Erase
command is accepted.
BP4, BP3, BP2, BP1, BP0 bits
The Block Protect (BP4, BP3, BP2, BP1, and BP0) bits are non-volatile. They define the size of the area to be software
protected against Program and Erase commands. These bits are written with the Write Status Register (WRSR) command.
When the Block Protect (BP4, BP3, BP2, BP1, BP0) bits are set to 1, the relevant memory area (as defined in Table1, 2, 3
and 4).becomes protected against Page Program (PP), Sector Erase (SE) and Block Erase (BE) commands. The Block
Protect (BP4, BP3, BP2, BP1, and BP0) bits can be written provided that the Hardware Protected mode has not been set.
The Chip Erase (CE) command is executed, if the Block Protect (BP2, BP1, and BP0) bits are 0 and CMP=0 or the Block
Protect (BP2, BP1, and BP0) bits are 1 and CMP=1.
SRP1, SRP0 bits
The Status Register Protect (SRP1 and SRP0) bits are non-volatile Read/Write bits in the status register. The SRP bits
control the method of write protection: software protection, hardware protection, power supply lock-down or one time
programmable protection.
SRP1
SRP0
#WP
Status Register
Description
0
0
X
Software Protected
The Status Register can be written to after a Write Enable
command, WEL=1.(Default)
0
1
0
Hardware Protected
WP#=0, the Status Register locked and cannot be written
to.
0
1
1
Hardware Unprotected
WP#=1, the Status Register is unlocked and can be written
to after a Write Enable command, WEL=1.
1
0
X
Power Supply Lock-
Down(1)(2)
Status Register is protected and cannot be written to again
until the next Power-Down, Power-Up cycle.
1
1
X
One Time Program(2)
Status Register is permanently protected and cannot be
written to.
NOTE:
1. When SRP1, SRP0= (1, 0), a Power-Down, Power-Up cycle will change SRP1, SRP0 to (0, 0) state.
2. This feature is available on special order. Please contact GigaDevice for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com