Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GD25LE40C Datasheet(PDF) 65 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE40C
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE40C Datasheet(HTML) 65 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE40C Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE40C Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE40C Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE40C Datasheet HTML 64Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE40C Datasheet HTML 65Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE40C Datasheet HTML 66Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE40C Datasheet HTML 67Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE40C Datasheet HTML 68Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE40C Datasheet HTML 69Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 75 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE40C/20C/10C/05C
65
10 PACKAGE INFORMATION
10.1 Package SOP8 150MIL
D
E
E1
A
A2
A1
b
e
“A”
L1
L
θ
b
c
Base Metal
Detail
“A”
h
1
4
8
5
Dimensions
Symbol
A
A1
A2
b
c
D
E
E1
e
L
L1
h
θ
Unit
mm
Min
-
0.10
1.25
0.31
0.10
4.80
5.80
3.80
1.27
0.40
1.04
0.25
0°
Nom
-
0.15
1.45
0.41
0.20
4.90
6.00
3.90
-
-
-
Max
1.75
0.25
1.55
0.51
0.25
5.00
6.20
4.00
0.90
0.50
8°
Note:
1. Both the package length and width include the mold flash.
2. Seating plane: Max. 0.1mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com