Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GD25LE40C Datasheet(PDF) 42 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE40C
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE40C Datasheet(HTML) 42 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE40C Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE40C Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE40C Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE40C Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE40C Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE40C Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE40C Datasheet HTML 44Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE40C Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE40C Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 75 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE40C/20C/10C/05C
42
7.30 Program Security Registers (42H)
The Program Security Registers command is similar to the Page Program command. Each security register contains four
pages content. A Write Enable (WREN) command must previously have been executed to set the Write Enable Latch (WEL)
bit before sending the Program Security Registers command. The Program Security Registers command is entered by
driving CS# Low, followed by the command code (42H), three address bytes and at least one data byte on SI. As soon as
CS# is driven high, the self-timed Program Security Registers cycle (whose duration is tPP) is initiated. While the Program
Security Registers cycle is in progress, the Status Register may be read to check the value of the Write in Progress (WIP)
bit. The Write in Progress (WIP) bit is 1 during the self-timed Program Security Registers cycle, and is 0 when it is completed.
At some unspecified time before the cycle is completed, the Write Enable Latch (WEL) bit is reset.
If the Security Registers Lock Bit (LB3-1) is set to 1, the Security Registers will be permanently locked. Program Security
Registers command will be ignored.
Address
A23-16
A15-12
A11-9
A8-0
Security Register #1
00H
0 0 0 1
0 0 0
Byte Address
Security Register #2
00H
0 0 1 0
0 0 0
Byte Address
Security Register #3
00H
0 0 1 1
0 0 0
Byte Address
Figure32. Program Security Registers command Sequence Diagram
7.31 Read Security Registers (48H)
The Read Security Registers command is similar to Fast Read command. The command is followed by a 3-byte address
(A23-A0) and a dummy byte, and each bit is latched-in on the rising edge of SCLK. Then the memory content, at that
address, is shifted out on SO, and each bit is shifted out, at a Max frequency fC, on the falling edge of SCLK. The first byte
addressed can be at any location. The address is automatically incremented to the next higher address after each byte of
data is shifted out. Once the A8-A0 address reaches the last byte of the register (Byte 1FFH), it will reset to 000H, the
command is completed by driving CS# high.
Address
A23-16
A15-12
A11-9
A8-0
Security Register #1
00H
0 0 0 1
0 0 0
Byte Address
Security Register #2
00H
0 0 1 0
0 0 0
Byte Address
Security Register #3
00H
0 0 1 1
0 0 0
Byte Address
Command
0
1
2
3
4
5
6
7
42H
CS#
SCLK
SI
8
9 10
28 29 30 31
3
2
1
0
23 22 21
24-bit address
42 43 44 45
41
46 47
40
50 51 52 53
49
54 55
48
6
5
4
3
2
1
0
7
CS#
SCLK
SI
MSB
Data Byte 2
32 33 34 35
7
6
5
4
3
2
1
0
MSB
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
Data Byte 1
Data Byte 3
Data Byte 256
MSB
MSB
MSB
36 37 38 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com