Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T25S128CSIPT Datasheet(PDF) 59 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # T25S128CSIPT
Description  3V 128M-BIT SERIAL NOR FLASH WITH DUAL AND QUAD SPI&QPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

T25S128CSIPT Datasheet(HTML) 59 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button T25S128CSIPT Datasheet HTML 55Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S128CSIPT Datasheet HTML 56Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S128CSIPT Datasheet HTML 57Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S128CSIPT Datasheet HTML 58Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S128CSIPT Datasheet HTML 59Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S128CSIPT Datasheet HTML 60Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S128CSIPT Datasheet HTML 61Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S128CSIPT Datasheet HTML 62Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S128CSIPT Datasheet HTML 63Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 74 page
background image
59
Address
A23-16
A15-8
A7-0
Security Register-1
00h
10h
Byte Address
Security Register-2
00h
20h
Byte Address
Security Register-3
00h
30h
Byte Address
Note:
1. Addresses outside the ranges in the table have undefined results.
The Program Security Register command sequence is shown in Figure 7.34. The Security Register Lock
Bits (LB3:1) in the Status Register-2 can be used to OTP protect the security registers. Once a lock bit is set
to 1, the corresponding security register will be permanently locked, and a Program Security Register
command to that register will be ignored.
Figure 7.34 Program Security Registers Instruction
7.5.8 Read Security Registers (48h)
The Read Security Register command is similar to the Fast Read command and allows one or more data
bytes to be sequentially read from one of the three security registers. The command is initiated by driving the
CS# pin low and then shifting the instruction code “48h” followed by a 24-bit address (A23-A0) and eight
“dummy” clocks into the DI pin. The code and address bits are latched on the rising edge of the CLK pin. After
the address is received, and following the eight dummy cycles, the data byte of the addressed memory
location will be shifted out on the DO pin at the falling edge of CLK with most significant bit (MSB) first.
Locations with address bits A23-A16 not equal to zero, have undefined data. The byte address is
automatically incremented to the next byte address after each byte of data is shifted out. Once the byte
address reaches the last byte of the register (FFh), it will reset to the first byte of the register (00h) and
continue to increase. The command is completed by driving CS# high. The Read Security Register command
sequence is shown in Figure 7.35. If a Read Security Register command is issued while an Erase, Program,
or Write cycle is in process (BUSY=1), the command is ignored and will not have any effects on the current
cycle. The Read Security Register command allows clock rates from DC to a maximum of FR (see Section 8.5,
AC Electrical Characteristics).
Address
A23-16
A15-8
A7-0
Security Register-1
00h
10h
Byte Address
Security Register-2
00h
20h
Byte Address
Security Register-3
00h
30h
Byte Address
Note:
1. Addresses outside the ranges in the table have undefined results.
Figure 7.35 Read Security Registers Instruction
7.5.9 Individual Block/Sector Lock (36h)
The Individual Block/Sector Lock provides an alternative way to protect the memory array from adverse
Erase/Program. In order to use the Individual Block/Sector Locks, the WPS bit in Status Register-3 must be
set to 1. If WPS=0, the write protection will be determined by the combination of CMP, SEC, TB, BP[2:0] bits in
HM25Q128A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com