Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T25S128CSIPT Datasheet(PDF) 30 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # T25S128CSIPT
Description  3V 128M-BIT SERIAL NOR FLASH WITH DUAL AND QUAD SPI&QPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

T25S128CSIPT Datasheet(HTML) 30 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button T25S128CSIPT Datasheet HTML 26Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S128CSIPT Datasheet HTML 27Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S128CSIPT Datasheet HTML 28Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S128CSIPT Datasheet HTML 29Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S128CSIPT Datasheet HTML 30Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S128CSIPT Datasheet HTML 31Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S128CSIPT Datasheet HTML 32Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S128CSIPT Datasheet HTML 33Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S128CSIPT Datasheet HTML 34Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 74 page
background image
30
Table 6.7
HM25Q128A Block Protection (WPS = 0,CMP = 1)
Status Register (1)
ZB25VQ128(128 Mbit) Block Protection (CMP=1) (2)
SEC
TB
BP2
BP1
BP0
Protected Block(s)
Protected Addresses
Protected
Density
Protected
Portion
X
X
0
0
0
0 thru 255
000000h – FFFFFFh
16 MB
All
0
0
0
0
1
0 thru 251
000000h – FBFFFFh
16,128 kB
Lower
63/64
0
0
0
1
0
0 thru 247
000000h – F7FFFFh
15,872 kB
Lower
31/32
0
0
0
1
1
0 thru 239
000000h – EFFFFFh
15 MB
Lower
15/16
0
0
1
0
0
0 thru 233
000000h – DFFFFFh
14 MB
Lower 7/8
0
0
1
0
1
0 thru 191
000000h – BFFFFFh
12 MB
Lower 3/4
0
0
1
1
0
0 thru 127
000000h – 7FFFFFh
8 MB
Lower 1/2
0
1
0
0
1
4 thru 255
040000h – FFFFFFh
16,128 kB
Upper
63/64
0
1
0
1
0
8 thru 255
080000h – FFFFFFh
15,872 kB
Upper
31/32
0
1
0
1
1
16 thru 255
100000h – FFFFFFh
15 MB
Upper
15/16
0
1
1
0
0
32 thru 255
200000h – FFFFFFh
14 MB
Upper 7/8
0
1
1
0
1
64 thru 255
400000h – FFFFFFh
12 MB
Upper 3/4
0
1
1
1
0
128 thru 255
800000h – FFFFFFh
8 MB
Upper 1/2
X
X
1
1
1
None
None
None
None
1
0
0
0
1
0 thru 255
000000h – FFEFFFh
16,380 KB
Lower
4095/4096
1
0
0
1
0
0 thru 255
000000h – FFDFFFh
16,376 kB
Lower
2047/2048
1
0
0
1
1
0 thru 255
000000h – FFBFFFh
16,368 kB
Lower
1023/1024
1
0
1
0
X
0 thru 255
000000h – FF7FFFh
16,352 kB
Lower
511/512
1
1
0
0
1
0 thru 255
001000h – 1FFFFFh
16,380 KB
Upper
4095/4096
1
1
0
1
0
0 thru 255
002000h – 1FFFFFh
16,376 kB
Upper
2047/2048
1
1
0
1
1
0 thru 255
004000h – 1FFFFFh
16,368 kB
Upper
1023/1024
1
1
1
0
X
0 thru 255
008000h – 1FFFFFh
16,352 kB
Upper
511/512
Notes:
1. X = don’t care.
2. If any Erase or Program command specifies a memory region that contains protected data portion, this command will be ignored.
HM25Q128A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com