Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T25S128CSIPT Datasheet(PDF) 14 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # T25S128CSIPT
Description  3V 128M-BIT SERIAL NOR FLASH WITH DUAL AND QUAD SPI&QPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

T25S128CSIPT Datasheet(HTML) 14 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button T25S128CSIPT Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S128CSIPT Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S128CSIPT Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S128CSIPT Datasheet HTML 13Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S128CSIPT Datasheet HTML 14Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S128CSIPT Datasheet HTML 15Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S128CSIPT Datasheet HTML 16Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S128CSIPT Datasheet HTML 17Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S128CSIPT Datasheet HTML 18Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 74 page
background image
14
5.2.3 SFDP Header Field Definitions
Table 5.3 SFDP Header
SFDP Byte
Address
SFDP Dword
Name
Data
Description
00h
SFDP Header
1st DWORD
53h
This is the entry point for Read SFDP (5Ah) command i.e. location zero within
SFDP space
ASCII “S”
01h
46h
ASCII “F”
02h
44h
ASCII “D”
03h
50h
ASCII “P”
04h
SFDP Header
2nd DWORD
06h
SFDP Minor Revision (06h = JEDEC JESD216 Revision B)
– This revision is backward compatible with all prior minor revisions. Minor
revisions are changes that define previously reserved fields, add fields to the
end, or that clarify definitions of existing fields. Increments of the minor revision
value indicate that previously reserved parameter fields may have been
assigned a new definition or entire Dwords may have been added to the
parameter table. However, the definition of previously existing fields is
unchanged and therefore remains backward compatible with earlier SFDP
parameter table revisions. Software can safely ignore increments of the minor
revision number, as long as only those parameters the software was designed
to support are used i.e. Previously reserved fields and additional Dwords must
be masked or ignored. Do not do a simple compare on the minor revision
number, looking only for a match with the revision number that the software is
designed to handle. There is no problem with using a higher number minor
revision.
05h
01h
SFDP Major Revision
– This is the original major revision. This major revision is compatible with all
SFDP reading and parsing software.
06h
00h
Number of Parameter Headers (zero based, 00h = 1 parameters
07h
FFh
Unused
08h
Parameter Header
0 1st DWORD
00h
Parameter ID LSB (00h = JEDEC SFDP Basic SPI Flash Parameter)
09h
06h
Parameter Minor Revision (00h = JESD216)
–This older revision parameter header is provided for any legacy SFDP reading
and parsing software that requires seeing a minor revision 6 parameter header.
SFDP software designed to handle later minor revisions should continue
reading parameter headers looking for a higher numbered minor revision that
contains additional parameters for that software revision.
0Ah
01h
Parameter Major Revision (01h = The original major revision - all SFDP
software is compatible with this major revision.
0Bh
10h
Parameter Table Length (in double words = Dwords = 4-byte units) 10h = 16
Dwords
0Ch
Parameter Header
0 2nd DWORD
30h
Parameter Table Pointer Byte 0 (Dword = 4-byte aligned) JEDEC Basic SPI
Flash parameter byte offset = 30h
0Dh
00h
Parameter Table Pointer Byte 1
0Eh
00h
Parameter Table Pointer Byte 2
0Fh
FFh
Parameter ID MSB (FFh = JEDEC defined legacy Parameter ID)
HM25Q128A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com