Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T25D32CSIPT Datasheet(PDF) 41 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # T25D32CSIPT
Description  3V 128M-BIT SERIAL NOR FLASH WITH DUAL AND QUAD SPI&QPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

T25D32CSIPT Datasheet(HTML) 41 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button T25D32CSIPT Datasheet HTML 37Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32CSIPT Datasheet HTML 38Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32CSIPT Datasheet HTML 39Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32CSIPT Datasheet HTML 40Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32CSIPT Datasheet HTML 41Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32CSIPT Datasheet HTML 42Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32CSIPT Datasheet HTML 43Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32CSIPT Datasheet HTML 44Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32CSIPT Datasheet HTML 45Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 74 page
background image
41
been executed for the device to accept the Write Status Registers Command (Status Register bit WEL must
equal 1). Once write enabled, the command is entered by driving CS# low, sending the instruction code “01h”,
and then writing the Status Register data bytes as illustrated in Figure 7.5.
To write volatile Status Register bits, a Write Enable for Volatile Status Register (50h) command must
have been executed prior to the Write Status Registers command (Status Register bit WEL remains 0).
However, SRP1 and LB3, LB2, LB1 cannot be changed because of the OTP protection for these bits. Upon
power-off, the volatile Status Register bit values will be lost, and the non-volatile Status Register bit values will
be restored when power on again.
To complete the Write Status Registers command, the CS# pin must be driven high after the eighth bit of
a data value is clocked in (CS# must be driven high on an 8-bit boundary). If this is not done the Write Status
Registers command will not be executed.
The Write Status Register instruction allows the Status Register to be written. A Write Enable instruction
must previously have been executed for the device to accept the Write Status Register Instruction (Status
Register bit WEL must equal to 1). Once write enabled, the instruction is entered by driving CS# low, sending
the instruction code “01h”, and then writing the status register data byte as illustrated in Figure 7.5.
During non-volatile Status Register write operation (06h combined with 01h/31h), after CS# is driven high,
the self-timed Write Status Register cycle will commence for a time duration of tW (See AC Characteristics).
While the Write Status Register cycle is in progress, the Read Status Register instruction may still be
accessed to check the status of the BUSY bit. The BUSY bit is a 1 during the Write Status Register cycle and
a 0 when the cycle is finished and ready to accept other instructions again. After the Write Status Register
cycle has finished, the Write Enable Latch (WEL) bit in the Status Register will be cleared to 0.
During volatile Status Register write operation (50h combined with 01h/31h/11h), after CS# is driven high,
the Status Register bits will be refreshed to the new values within the time period of tSHSL2 (See AC
Characteristics). BUSY bit will remain 0 during the Status Register bit refresh period.
If CS# is driven high after the eighth clock, the Write Status Register-1 (01h) instruction will only program
the Status Register-1, the Status Register-2 will not be affected.
gure 7.5a Write Status Register Instruction(SPI Mode)
Figure 7.5b Write Status Register Instruction(QPI Mode)
7.2 Program and Erase Commands
HM25Q128A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com