Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T25D32CSIPT Datasheet(PDF) 26 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # T25D32CSIPT
Description  3V 128M-BIT SERIAL NOR FLASH WITH DUAL AND QUAD SPI&QPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

T25D32CSIPT Datasheet(HTML) 26 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button T25D32CSIPT Datasheet HTML 22Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32CSIPT Datasheet HTML 23Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32CSIPT Datasheet HTML 24Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32CSIPT Datasheet HTML 25Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32CSIPT Datasheet HTML 26Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32CSIPT Datasheet HTML 27Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32CSIPT Datasheet HTML 28Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32CSIPT Datasheet HTML 29Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32CSIPT Datasheet HTML 30Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 74 page
background image
26
Status Registers command. LB[3:1] are One Time Programmable (OTP), once it’s set to 1, the corresponding
256-byte Security Register will become read-only permanently.
6.2.10 Quad Enable (QE)
The Quad Enable (QE) bit is a non-volatile read / write bit in the Status Register (SR2[1]) that allows
Quad SPI operation. When the QE bit is set to a 0 state (factory default), the WP# pin and HOLD# / RESET#
are enabled. When the QE bit is set to a 1, the Quad IO2 and IO3 pins are enabled, and WP# and HOLD# /
RESET# functions are disabled.
Note: If the WP# or HOLD# / RESET# pins are tied directly to the power supply or ground during standard SPI or Dual SPI operation, the
QE bit should never be set to a 1.
6.2.11 HOLD# or RESET# Pin Function (HRSW)
The HRSW bit is used to determine whether HOLD# or RESET# function should be implemented on the
hardware pin for 8-pin packages. When HRSW=0, the pin acts as #HOLD; when HRSW=1, the pin acts as
RESET#. However, HOLD# or RESET# functions are only available when QE=0. If QE is set to 1, the HOLD#
and RESET# functions are disabled, the pin acts as a dedicated data I/O pin.
6.2.12 Output Driver Strength (DRV1, DRV0)
The DRV1 & DRV0 bits are used to determine the output driver strength for the Read operations.
DRV1, DRV0
Driver Strength
0, 0
50%
0, 1
25%
1, 0
75%(default)
1, 1
100%
6.2.13 High Frequency Enable Bit (HFQ)
The HFQ bit is used to determine whether the device is in Quad High Frequency Mode. When HFQ bit
sets to 1, it means the device is in Quad High Frequency Mode, when HFQ bit sets 0 (default), it means the
device is not in Quad High Frequency Mode. This Mode allows pre-charge of internal charge pump, so the
voltages required for accessing the flash memory array are readily available for Quad read. After the HFQ is
executed, the device will maintain a slightly higher standby current (ICC8) than standard SPI operation.
6.2.14 Write Protect Selection (WPS)
The WPS bit is used to select which Write Protect scheme should be used. When WPS=0, the device will
use the combination of CMP, SEC, TB, BP[2:0] bits to protect a specific area of the memory array. When
WPS=1, the device will utilize the Individual Block Locks to protect any individual sector or blocks. The default
value for all Individual Block Lock bits is 1 upon device power on or after reset.
6.2.15 Latency Control (LC)
Status Register-3 provides bits (SR3[1:0]) to select the number of read latency cycles used in each Fast
Read command(only in SPI mode). The Read Data command is not affected by the latency code. The binary
value of this field selects from 2,4,6 latency cycles. The default is 0 to provide backward compatibility to
legacy devices. The Latency Control bits may be set to select a number of read cycles optimized for the
frequency in use. If the number of latency cycles is not sufficient for the operating frequency, invalid data will
be read.
HM25Q128A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com