Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T25D32CSIPT Datasheet(PDF) 48 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # T25D32CSIPT
Description  3V 128M-BIT SERIAL NOR FLASH WITH DUAL AND QUAD SPI&QPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

T25D32CSIPT Datasheet(HTML) 48 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button T25D32CSIPT Datasheet HTML 44Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32CSIPT Datasheet HTML 45Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32CSIPT Datasheet HTML 46Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32CSIPT Datasheet HTML 47Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32CSIPT Datasheet HTML 48Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32CSIPT Datasheet HTML 49Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32CSIPT Datasheet HTML 50Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32CSIPT Datasheet HTML 51Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32CSIPT Datasheet HTML 52Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 74 page
background image
48
Figure 7.14b Fast Read Instruction (QPI Mode)
7.3.3 Fast Read Dual Output (3Bh)
The Fast Read Dual Output (3Bh) instruction is similar to the standard Fast Read (0Bh) instruction except
that data is output on two pins, DO and DI, instead of just DO. This allows data to be transferred from the
ZB25VQ128 at twice the rate of standard SPI devices. The Fast Read Dual Output instruction is ideal for
quickly downloading code from Flash to RAM upon power-up or for applications that cache code-segments to
RAM for execution.
Similar to the Fast Read instruction, the Fast Read Dual Output instruction can operate at the highest
possible frequency of FR (see AC Electrical Characteristics). This is accomplished by adding eight “dummy”
clocks after the 24-bit address as shown in Figure 7.15. The dummy clocks allow the device's internal circuits
additional time for setting up the initial address. The input data during the dummy clocks is “don’t care”.
However, the DI pin should be high-impedance prior to the falling edge of the first data out clock.
Figure 7.15 Fast Read Dual Output Instruction Sequence Diagram
7.3.4 Fast Read Quad Output (6Bh)
The Fast Read Quad Output (6Bh) instruction is similar to the Fast Dual Output (3Bh) instruction except
that data is output on four pins, IO0, IO1, IO2 and IO3. A Quad enable of status Register-2 must be executed
before the device will accept the Fast Read Quad Output Instruction (Status Register bit QE must equal 1).
The Fast Read Quad Output Instruction allows data to be transferred from
HM25Q128A at four times the rate
of standard SPI devices.
The Fast Read Quad Output instruction can operate at the highest possible frequency of FR (see AC
Electrical Characteristics). This is accomplished by adding "dummy" clocks after the 24-bit address as shown
in Figure 7.16. The input data during the dummy clocks is "don't care". However, the IO pins should be
high-impedance prior to the falling edge of the first data out clock.
HM25Q128A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com