Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F6621 Datasheet(PDF) 30 Page - Microchip Technology

Part # PIC18F6621
Description  64/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with A/D
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6621 Datasheet(HTML) 30 Page - Microchip Technology

Back Button PIC18F6621 Datasheet HTML 26Page - Microchip Technology PIC18F6621 Datasheet HTML 27Page - Microchip Technology PIC18F6621 Datasheet HTML 28Page - Microchip Technology PIC18F6621 Datasheet HTML 29Page - Microchip Technology PIC18F6621 Datasheet HTML 30Page - Microchip Technology PIC18F6621 Datasheet HTML 31Page - Microchip Technology PIC18F6621 Datasheet HTML 32Page - Microchip Technology PIC18F6621 Datasheet HTML 33Page - Microchip Technology PIC18F6621 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 396 page
background image
PIC18F6525/6621/8525/8621
DS39612B-page 28
 2005 Microchip Technology Inc.
If the main oscillator is configured in the RC, RCIO, EC
or ECIO modes, there is no oscillator start-up time-out.
Operation will resume after eight cycles of the main
oscillator have been counted. A timing diagram, indi-
cating the transition from the Timer1 oscillator to the
main oscillator for RC, RCIO, EC and ECIO modes, is
shown in Figure 2-12.
FIGURE 2-12:
TIMING FOR TRANSITION BETWEEN TIMER1 AND OSC1 (RC, EC)
2.7
Effects of Sleep Mode on the
On-Chip Oscillator
When the device executes a SLEEP instruction, the on-
chip clocks and oscillator are turned off and the device
is held at the beginning of an instruction cycle (Q1
state). With the oscillator off, the OSC1 and OSC2
signals will stop oscillating. Since all the transistor
switching currents have been removed, Sleep mode
achieves the lowest current consumption of the device
(only leakage currents). Enabling any on-chip feature
that will operate during Sleep will increase the current
consumed during Sleep. The user can wake from
Sleep through external Reset, Watchdog Timer Reset,
or through an interrupt.
TABLE 2-3:
OSC1 AND OSC2 PIN STATES IN SLEEP MODE
2.8
Power-up Delays
Power-up delays are controlled by two timers so that no
external
Reset
circuitry
is
required
for
most
applications. The delays ensure that the device is kept
in Reset until the device power supply and clock are
stable. For additional information on Reset operation,
see Section 3.0 “Reset”.
The first timer is the Power-up Timer (PWRT) which
optionally provides a fixed delay of 72 ms (nominal) on
power-up only (POR and BOR). The second timer is
the Oscillator Start-up Timer (OST), intended to keep
the chip in Reset until the crystal oscillator is stable.
With the PLL enabled (HS+PLL and EC+PLL oscillator
mode), the time-out sequence following a Power-on
Reset is different from other oscillator modes. The
time-out sequence is as follows: First, the PWRT time-
out is invoked after a POR time delay has expired.
Then, the Oscillator Start-up Timer (OST) is invoked.
However, this is still not a sufficient amount of time to
allow the PLL to lock at high frequencies. The PWRT
timer is used to provide an additional fixed 2 ms
(nominal) time-out to allow the PLL ample time to lock
to the incoming clock frequency.
Q3
Q4
Q1
Q1 Q2 Q3 Q4 Q1 Q2 Q3
OSC1
Internal System
SCS
(OSCCON<0>)
Program
PC
PC + 2
Note:
RC Oscillator mode assumed.
PC + 4
T1OSI
Clock
Q4
TT1P
TOSC
TSCS
12
3
4
5
6
7
8
Counter
Oscillator Mode
OSC1 Pin
OSC2 Pin
RC
Floating, external resistor should pull high
At logic low
RCIO
Floating, external resistor should pull high
Configured as PORTA, bit 6
ECIO
Floating
Configured as PORTA, bit 6
EC
Floating
At logic low
LP, XT and HS
Feedback inverter disabled at
quiescent voltage level
Feedback inverter disabled at
quiescent voltage level
Note:
See Table 3-1 in Section 3.0 “Reset” for time-outs due to Sleep and MCLR Reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com