Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F6621 Datasheet(PDF) 48 Page - Microchip Technology

Part # PIC18F6621
Description  64/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with A/D
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6621 Datasheet(HTML) 48 Page - Microchip Technology

Back Button PIC18F6621 Datasheet HTML 44Page - Microchip Technology PIC18F6621 Datasheet HTML 45Page - Microchip Technology PIC18F6621 Datasheet HTML 46Page - Microchip Technology PIC18F6621 Datasheet HTML 47Page - Microchip Technology PIC18F6621 Datasheet HTML 48Page - Microchip Technology PIC18F6621 Datasheet HTML 49Page - Microchip Technology PIC18F6621 Datasheet HTML 50Page - Microchip Technology PIC18F6621 Datasheet HTML 51Page - Microchip Technology PIC18F6621 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 396 page
background image
PIC18F6525/6621/8525/8621
DS39612B-page 46
 2005 Microchip Technology Inc.
4.7.1
TWO-WORD INSTRUCTIONS
The PIC18F6525/6621/8525/8621 devices have four
two-word instructions: MOVFF, CALL, GOTO and LFSR.
The second word of these instructions has the 4 MSBs
set to ‘1’s and is a special kind of NOP instruction. The
lower 12 bits of the second word contain data to be
used by the instruction. If the first word of the instruction
is executed, the data in the second word is accessed.
If the second word of the instruction is executed by itself
(first word was skipped), it will execute as a NOP. This
action is necessary when the two-word instruction is
preceded by a conditional instruction that changes the
PC. A program example that demonstrates this concept
is shown in Example 4-3. Refer to Section 25.0
“Instruction Set Summary” for further details of the
instruction set.
EXAMPLE 4-3:
TWO-WORD INSTRUCTIONS
4.8
Look-up Tables
Look-up tables are implemented two ways. These are:
• Computed GOTO
• Table Reads
4.8.1
COMPUTED GOTO
A computed GOTO is accomplished by adding an offset
to the program counter (ADDWF PCL).
A look-up table can be formed with an ADDWF PCL
instruction and a group of RETLW 0xnn instructions.
WREG is loaded with an offset into the table before exe-
cuting a call to that table. The first instruction of the called
routine is the ADDWF PCL instruction. The next instruction
executed will be one of the RETLW 0xnn instructions that
returns the value 0xnn to the calling function.
The offset value (value in WREG) specifies the number
of bytes that the program counter should advance.
In this method, only one data byte may be stored in
each instruction location and room on the return
address stack is required.
EXAMPLE 4-4:
COMPUTED GOTO USING AN OFFSET VALUE
CASE 1:
Object Code
Source Code
0110 0110 0000 0000
TSTFSZ
REG1
; is RAM location 0?
1100 0001 0010 0011
MOVFF
REG1, REG2
; No, execute 2-word instruction
1111 0100 0101 0110
; 2nd operand holds address of REG2
0010 0100 0000 0000
ADDWF
REG3
; continue code
CASE 2:
Object Code
Source Code
0110 0110 0000 0000
TSTFSZ
REG1
; is RAM location 0?
1100 0001 0010 0011
MOVFF
REG1, REG2
; Yes
1111 0100 0101 0110
; 2nd operand becomes NOP
0010 0100 0000 0000
ADDWF
REG3
; continue code
Note:
The ADDWF
PCL
instruction does not
update PCLATH and PCLATU. A read
operation on PCL must be performed to
update PCLATH and PCLATU.
MAIN:
ORG
0x0000
MOVLW
0x00
CALL
TABLE
…
ORG
0x8000
TABLE
MOVF
PCL, F
; A simple read of PCL will update PCLATH, PCLATU
RLNCF
W, W
; Multiply by 2 to get correct offset in table
ADDWF
PCL
; Add the modified offset to force jump into table
RETLW
‘A’
RETLW
‘B’
RETLW
‘C’
RETLW
‘D’
RETLW
‘E’
END



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com