Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F6621 Datasheet(PDF) 95 Page - Microchip Technology

Part # PIC18F6621
Description  64/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with A/D
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6621 Datasheet(HTML) 95 Page - Microchip Technology

Back Button PIC18F6621 Datasheet HTML 91Page - Microchip Technology PIC18F6621 Datasheet HTML 92Page - Microchip Technology PIC18F6621 Datasheet HTML 93Page - Microchip Technology PIC18F6621 Datasheet HTML 94Page - Microchip Technology PIC18F6621 Datasheet HTML 95Page - Microchip Technology PIC18F6621 Datasheet HTML 96Page - Microchip Technology PIC18F6621 Datasheet HTML 97Page - Microchip Technology PIC18F6621 Datasheet HTML 98Page - Microchip Technology PIC18F6621 Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 396 page
background image
 2005 Microchip Technology Inc.
DS39612B-page 93
PIC18F6525/6621/8525/8621
REGISTER 9-5:
PIR2: PERIPHERAL INTERRUPT REQUEST (FLAG) REGISTER 2
U-0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—CMIF
—
EEIF
BCLIF
LVDIF
TMR3IF
CCP2IF
bit 7
bit 0
bit 7
Unimplemented: Read as ‘0’
bit 6
CMIF: Comparator Interrupt Flag bit
1
= The comparator input has changed (must be cleared in software)
0
= The comparator input has not changed
bit 5
Unimplemented: Read as ‘0’
bit 4
EEIF: Data EEPROM/Flash Write Operation Interrupt Flag bit
1
= The write operation is complete (must be cleared in software)
0
= The write operation is not complete, or has not been started
bit 3
BCLIF: Bus Collision Interrupt Flag bit
1
= A bus collision occurred while the MSSP module (configured in I2C Master mode)
was transmitting (must be cleared in software)
0
= No bus collision occurred
bit 2
LVDIF: Low-Voltage Detect Interrupt Flag bit
1
= A low voltage condition occurred (must be cleared in software)
0
= The device voltage is above the Low-Voltage Detect trip point
bit 1
TMR3IF: TMR3 Overflow Interrupt Flag bit
1
= TMR3 register overflowed (must be cleared in software)
0
= TMR3 register did not overflow
bit 0
CCP2IF: ECCP2 Interrupt Flag bit
Capture mode:
1
= A TMR1 or TMR3 register capture occurred (must be cleared in software)
0
= No TMR1 or TMR3 register capture occurred
Compare mode:
1
= A TMR1 or TMR3 register compare match occurred (must be cleared in software)
0
= No TMR1 or TMR3 register compare match occurred
PWM mode:
Unused in this mode.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com