Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NLASB3157DFT2 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NLASB3157DFT2
Description  2:1 Multiplexer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLASB3157DFT2 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NLASB3157DFT2 Datasheet HTML 2Page - ON Semiconductor NLASB3157DFT2 Datasheet HTML 3Page - ON Semiconductor NLASB3157DFT2 Datasheet HTML 4Page - ON Semiconductor NLASB3157DFT2 Datasheet HTML 5Page - ON Semiconductor NLASB3157DFT2 Datasheet HTML 6Page - ON Semiconductor NLASB3157DFT2 Datasheet HTML 7Page - ON Semiconductor NLASB3157DFT2 Datasheet HTML 8Page - ON Semiconductor NLASB3157DFT2 Datasheet HTML 9Page - ON Semiconductor NLASB3157DFT2 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
NLASB3157
http://onsemi.com
8
Figure 5. Charge Injection Test
RL
1 M
W
CL
100 pF
VOUT
LOGIC
INPUT
A
S
BN
RGEN
VGE
Q = (
DVOUT)(CL)
DVOUT
ON
OFF
OFF
VOUT
LOGIC
INPUT
Figure 6. Off Isolation
Figure 7. Crosstalk
S
BN
LOGIC INPUT
0 V or VIH
10 nF
VCC
Analyzer
A
GND
50
W
50
W
S
B0
10 nF
VCC
Analyzer
A
GND
50
W
Signal
Generator
0 dBm
50
W
B1
Figure 8. Channel Off Capacitance
Figure 9. Channel On Capacitance
Figure 10. Bandwidth
S
BN
10 nF
VCC
A
GND
Signal
Generator
0 dBm
50
W
LOGIC INPUT
0 V or VCC
S
BN
LOGIC INPUT
0 V or VCC
10 nF
VCC
A
GND
Capacitance
Meter
S
BN
LOGIC INPUT
0 V or VCC
10 nF
VCC
A
GND
Capacitance
Meter
f = 1 MHz
f = 1 MHz
AC LOADING AND WAVEFORMS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com