Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NLASB3157DFT2 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NLASB3157DFT2
Description  2:1 Multiplexer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLASB3157DFT2 Datasheet(HTML) 3 Page - ON Semiconductor

  NLASB3157DFT2 Datasheet HTML 1Page - ON Semiconductor NLASB3157DFT2 Datasheet HTML 2Page - ON Semiconductor NLASB3157DFT2 Datasheet HTML 3Page - ON Semiconductor NLASB3157DFT2 Datasheet HTML 4Page - ON Semiconductor NLASB3157DFT2 Datasheet HTML 5Page - ON Semiconductor NLASB3157DFT2 Datasheet HTML 6Page - ON Semiconductor NLASB3157DFT2 Datasheet HTML 7Page - ON Semiconductor NLASB3157DFT2 Datasheet HTML 8Page - ON Semiconductor NLASB3157DFT2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NLASB3157
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
VCC
TA = +255C
TA = −405C to +855C
Symbol
Parameter
Test Conditions
VCC
(V)
Min
Typ
Max
Min
Max
Unit
VIH
HIGH Level
Input Voltage
1.65−1.95
2.3−5.5
0.75 VCC
0.7 VCC
V
VIL
LOW Level
Input Voltage
1.65−1.95
2.3−5.5
0.25 VCC
0.3 VCC
V
IIN
Input Leakage Current
0
v VIN v 5.5 V
0−5.5
"0.05
"0.1
"1
mA
IOFF
OFF State Leakage
Current
0
v A, B v VCC
1.65−5.5
"0.05
"0.1
"1
mA
RON
Switch On Resistance
(Note 3)
VIN = 0 V, IO = 30 mA
VIN = 2.4 V, IO = −30 mA
VIN = 4.5 V, IO = −30 mA
4.5
3.0
5.0
7.0
7.0
12
15
W
VIN = 0 V, IO = 24 mA
VIN = 3 V, IO = −24 mA
3.0
4.0
10
9.0
20
W
VIN = 0 V, IO = 8 mA
VIN = 2.3 V, IO = −8 mA
2.3
5.0
13
12
30
W
VIN = 0 V, IO = 4 mA
VIN = 1.65 V, IO = −4 mA
1.65
6.5
17
20
50
W
ICC
Quiescent Supply
Current
All Channels ON or
OFF
VIN = VCC or GND
IOUT = 0
5.5
1.0
10
mA
Analog Signal Range
VCC
0
VCC
0
VCC
V
RRANGE
On Resistance
Over Signal Range
(Note 3) (Note 7)
IA = −30 mA, 0 v VBn
v VCC
IA = −24 mA, 0 v VBn
v VCC
IA = −8 mA, 0 v VBn
v VCC
IA = −4 mA, 0 v VBn
v VCC
4.5
3.0
2.3
1.65
25
50
100
300
W
DRON
On Resistance Match
Between Channels
(Note 3) (Note 4)
(Note 5)
IA = −30 mA, VBn = 3.15
IA = −24 mA, VBn = 2.1
IA = −8 mA, VBn = 1.6
IA = −4 mA, VBn = 1.15
4.5
3.0
2.3
1.65
0.15
0.2
0.5
0.5
W
Rflat
On Resistance
Flatness (Note 3)
(Note 4) (Note 6)
IA = −30 mA, 0 v VBn
v VCC
IA = −24 mA, 0 v VBn
v VCC
IA = −8 mA, 0 v VBn
v VCC
IA = −4 mA, 0 v VBn
v VCC
5.0
3.3
2.5
1.8
6.0
12
28
125
W
3. Measured by the voltage drop between A and B pins at the indicated current through the switch. On Resistance is determined by the lower
of the voltages on the two (A or B Ports).
4. Parameter is characterized but not tested in production.
5.
DRON = RON max − RON min measured at identical VCC, temperature and voltage levels.
6. Flatness is defined as the difference between the maximum and minimum value of On Resistance over the specified range of conditions.
7. Guaranteed by Design.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com