Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NLASB3157DFT2 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NLASB3157DFT2
Description  2:1 Multiplexer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLASB3157DFT2 Datasheet(HTML) 1 Page - ON Semiconductor

  NLASB3157DFT2 Datasheet HTML 1Page - ON Semiconductor NLASB3157DFT2 Datasheet HTML 2Page - ON Semiconductor NLASB3157DFT2 Datasheet HTML 3Page - ON Semiconductor NLASB3157DFT2 Datasheet HTML 4Page - ON Semiconductor NLASB3157DFT2 Datasheet HTML 5Page - ON Semiconductor NLASB3157DFT2 Datasheet HTML 6Page - ON Semiconductor NLASB3157DFT2 Datasheet HTML 7Page - ON Semiconductor NLASB3157DFT2 Datasheet HTML 8Page - ON Semiconductor NLASB3157DFT2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2004
April, 2004 − Rev. 6
1
Publication Order Number:
NLASB3157/D
NLASB3157
2:1 Multiplexer
The NLASB3157 is an advanced CMOS analog switch fabricated
with silicon gate CMOS technology. It achieves very low
propagation delay and RDSON resistances while maintaining CMOS
low power dissipation. Analog and digital voltages that may vary
across the full power−supply range (from VCC to GND). This device
is a drop in replacement for the NC7SB3157.
The select pin has overvoltage protection that allows voltages
above VCC, up to 7.0 V to be present on the pin without damage or
disruption of operation of the part, regardless of the operating
voltage.
Features
• High Speed: t
PD = 1.0 ns (Typ) at VCC = 5.0 V
• Low Power Dissipation: I
CC = 2.0
mA (Max) at TA = 25°C
• Standard CMOS Logic Levels
• High Bandwidth, Improved Linearity
• Switches Standard NTSC/PAL Video, Audio, SPDIF and HDTV
• May be used for Clock Switching, Data Mux’ing, etc.
• Low RDS
ON
• Break Before Make Circuitry, Prevents Inadvertent Shorts
• 2 Devices can Switch Balanced Signal Pairs, e.g.
LVDS
u 200−Mb/s
• Latchup Performance Exceeds 300 mA
• Pin for Pin Drop in for NC7SB3157
• Tiny SC88 Package Only 2.0 x 2.1 mm
• ESD Performance: Human Body Model; u 2000 V;
Machine Model;
u 200 V
• Extended Automotive Temperature Range −55°C to +125°C (See
Appendix)
• Pb−Free Package is Available
Figure 1. Pinout (Top View)
Select
B1
GND
A
B0
1
2
3
6
4
VCC
5
1
0
SC−88
DF SUFFIX
CASE 419B
1
6
Device
Package
Shipping†
ORDERING INFORMATION
NLASB3157DFT2
SC88
3000 Tape & Reel
http://onsemi.com
MARKING DIAGRAM
AFd
AF = Specific Device Code
d
= Date Code
L
H
FUNCTION TABLE
Select Input
Function
B0 Connected to A
B1 Connected to A
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
NLASB3157DFT2G
SC88
(Pb−Free)
3000 Tape & Reel


Similar Part No. - NLASB3157DFT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLASB3157DFT2 ONSEMI-NLASB3157DFT2 Datasheet
98Kb / 10P
SPDT, 3 ohm RON Switch
November, 2006 ??Rev. 9
NLASB3157DFT2 ONSEMI-NLASB3157DFT2 Datasheet
139Kb / 10P
The NLASB3157 is an advanced CMOS analog switch fabricated with silicon gate CMOS technology
August, 2013 ??Rev. 13
NLASB3157DFT2G ONSEMI-NLASB3157DFT2G Datasheet
98Kb / 10P
SPDT, 3 ohm RON Switch
November, 2006 ??Rev. 9
NLASB3157DFT2G ONSEMI-NLASB3157DFT2G Datasheet
139Kb / 10P
The NLASB3157 is an advanced CMOS analog switch fabricated with silicon gate CMOS technology
August, 2013 ??Rev. 13
More results

Similar Description - NLASB3157DFT2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC10E157 MOTOROLA-MC10E157 Datasheet
99Kb / 4P
QUAD 2:1 MULTIPLEXER
logo
ON Semiconductor
MC100LVEL58 ONSEMI-MC100LVEL58 Datasheet
66Kb / 4P
2:1 Multiplexer
February, 2000 ??Rev. 1
MC10E157 ONSEMI-MC10E157 Datasheet
99Kb / 4P
QUAD 2:1 MULTIPLEXER
1996 REV 2
MC10EL58 ONSEMI-MC10EL58 Datasheet
72Kb / 2P
2:1 Multiplexer
1996 REV 2
MC10EP58 ONSEMI-MC10EP58 Datasheet
80Kb / 8P
2:1 Multiplexer
Sep, 1999 ??Rev. 1.0
logo
Micrel Semiconductor
SY10EL58 MICREL-SY10EL58 Datasheet
47Kb / 4P
2:1 MULTIPLEXER
SY10E157 MICREL-SY10E157_06 Datasheet
65Kb / 4P
QUAD 2:1 MULTIPLEXER
SY10EL58 MICREL-SY10EL58_05 Datasheet
49Kb / 4P
2:1 MULTIPLEXER
logo
NXP Semiconductors
CBTL04DP211BS-518 NXP-CBTL04DP211BS-518 Datasheet
256Kb / 18P
DisplayPort 2 : 1 multiplexer
Rev. 2-13 April 2012
logo
ON Semiconductor
MC10EP58 ONSEMI-MC10EP58_16 Datasheet
169Kb / 10P
ECL 2:1 Multiplexer
August, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com