Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSC87251G2D Datasheet(PDF) 13 Page - ATMEL Corporation

Part # TSC87251G2D
Description  B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSC87251G2D Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button TSC87251G2D Datasheet HTML 9Page - ATMEL Corporation TSC87251G2D Datasheet HTML 10Page - ATMEL Corporation TSC87251G2D Datasheet HTML 11Page - ATMEL Corporation TSC87251G2D Datasheet HTML 12Page - ATMEL Corporation TSC87251G2D Datasheet HTML 13Page - ATMEL Corporation TSC87251G2D Datasheet HTML 14Page - ATMEL Corporation TSC87251G2D Datasheet HTML 15Page - ATMEL Corporation TSC87251G2D Datasheet HTML 16Page - ATMEL Corporation TSC87251G2D Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 76 page
background image
13
AT/TSC8x251G2D
4135D–8051–08/05
Special Function
Registers
The Special Function Registers (SFRs) of the TSC80251G2D derivatives fall into the
categories detailed in Table 1 to Table 9.
SFRs are placed in a reserved on-chip memory region S: which is not represented in the
data memory mapping (Figure 5). The relative addresses within S: of these SFRs are
provided together with their reset values in Table . They are upward compatible with the
SFRs of the standard 80C51 and the Intel’s 80C251Sx family. In this table, the C251
core registers are identified by Note 1 and are described in the TSC80251 Program-
mer’s Guide. The other SFRs are described in the TSC80251G1D Design Guide. All the
SFRs are bit-addressable using the C251 instruction set.
Table 1. C251 Core SFRs
Note:
1. These SFRs can also be accessed by their corresponding registers in the register
file.
Table 2. I/O Port SFRs
Table 3. Timers SFRs
Mnemonic
Name
Mnemonic
Name
ACC
(1)
Accumulator
SPH
(1)
Stack Pointer High - MSB of
SPX
B
(1)
B Register
DPL
(1)
Data Pointer Low byte - LSB of
DPTR
PSW
Program Status Word
DPH(1)
Data Pointer High byte - MSB
of DPTR
PSW1
Program Status Word 1
DPXL
(1)
Data Pointer Extended Low
byte of DPX - Region number
SP
(1)
Stack Pointer - LSB of SPX
Mnemonic
Name
Mnemonic
Name
P0
Port 0
P2
Port 2
P1
Port 1
P3
Port 3
Mnemonic
Name
Mnemonic
Name
TL0
Timer/Counter 0 Low
Byte
TMOD
Timer/Counter 0 and 1
Modes
TH0
Timer/Counter 0 High
Byte
T2CON
Timer/Counter 2
Control
TL1
Timer/Counter 1 Low
Byte
T2MOD
Timer/Counter 2 Mode
TH1
Timer/Counter 1 High
Byte
RCAP2L
Timer/Counter 2
Reload/Capture Low
Byte
TL2
Timer/Counter 2 Low
Byte
RCAP2H
Timer/Counter 2
Reload/Capture High
Byte
TH2
Timer/Counter 2 High
Byte
WDTRST
WatchDog Timer Reset
TCON
Timer/Counter 0 and 1
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com