Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSC87251G2D Datasheet(PDF) 21 Page - ATMEL Corporation

Part # TSC87251G2D
Description  B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSC87251G2D Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button TSC87251G2D Datasheet HTML 17Page - ATMEL Corporation TSC87251G2D Datasheet HTML 18Page - ATMEL Corporation TSC87251G2D Datasheet HTML 19Page - ATMEL Corporation TSC87251G2D Datasheet HTML 20Page - ATMEL Corporation TSC87251G2D Datasheet HTML 21Page - ATMEL Corporation TSC87251G2D Datasheet HTML 22Page - ATMEL Corporation TSC87251G2D Datasheet HTML 23Page - ATMEL Corporation TSC87251G2D Datasheet HTML 24Page - ATMEL Corporation TSC87251G2D Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 76 page
background image
21
AT/TSC8x251G2D
4135D–8051–08/05
Instruction Set
Summary
This section contains tables that summarize the instruction set. For each instruction
there is a short description, its length in bytes, and its execution time in states (one state
time is equal to two system clock cycles). There are two concurrent processes limiting
the effective instruction throughput:
•
Instruction Fetch
•
Instruction Execution
Table 20 to Table 32 assume code executing from on-chip memory, then the CPU is
fetching 16-bit at a time and this is never limiting the execution speed.
If the code is fetched from external memory, a pre-fetch queue will store instructions
ahead of execution to optimize the memory bandwidth usage when slower instructions
are executed. However, the effective speed may be limited depending on the average
size of instructions (for the considered section of the program flow). The maximum aver-
age instruction throughput is provided by Table 14 depending on the external memory
configuration (from Page Mode to Non-Page Mode and the maximum number of wait
states). If the average size of instructions is not an integer, the maximum effective
throughput is found by pondering the number of states for the neighbor integer values.
Table 14. Minimum Number of States per Instruction for given Average Sizes
If the average execution time of the considered instructions is larger than the number of
states given by Table 14, this larger value will prevail as the limiting factor. Otherwise,
the value from Table 14 must be taken. This is providing a fair estimation of the execu-
tion speed but only the actual code execution can provide the final value.
Notation for Instruction
Operands
Table 15 to Table 19 provide notation for Instruction Operands.
Table 15. Notation for Direct Addressing
Average size
of Instructions
(bytes)
Page Mode
(states)
Non-page Mode (states)
0 Wait
State
1 Wait
State
2 Wait States 3 Wait States 4 Wait States
11
2
3
4
5
6
22
4
6
8
10
12
3
3
6
9
12
15
18
4
4
8
12
162024
5
5
10
15
20
25
30
Direct
Address
Description
C251
C51
dir8
A direct 8-bit address. This can be a memory address (00h-7Fh) or a
SFR address (80h-FFh). It is a byte (default), word or double word
depending on the other operand.
33
dir16
A 16-bit memory address (00:0000h-00:FFFFh) used in direct
addressing.
3–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com