Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSC87251G2D Datasheet(PDF) 2 Page - ATMEL Corporation

Part # TSC87251G2D
Description  B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSC87251G2D Datasheet(HTML) 2 Page - ATMEL Corporation

  TSC87251G2D Datasheet HTML 1Page - ATMEL Corporation TSC87251G2D Datasheet HTML 2Page - ATMEL Corporation TSC87251G2D Datasheet HTML 3Page - ATMEL Corporation TSC87251G2D Datasheet HTML 4Page - ATMEL Corporation TSC87251G2D Datasheet HTML 5Page - ATMEL Corporation TSC87251G2D Datasheet HTML 6Page - ATMEL Corporation TSC87251G2D Datasheet HTML 7Page - ATMEL Corporation TSC87251G2D Datasheet HTML 8Page - ATMEL Corporation TSC87251G2D Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 76 page
background image
2
AT/TSC8x251G2D
4135D–8051–08/05
• Typical Operating Current:11 mA at 3V
• Typical Power-down Current: 1 μA
• Temperature Ranges: Commercial (0°C to +70°C), Industrial (-40°C to +85°C)
• Option: Extended Range (-55°C to +125°C)
• Packages: PDIL 40, PLCC 44 and VQFP 44, CDIL 40 and CQPJ 44 with Window
• Options: Known Good Dice and Ceramic Packages
Description
The TSC80251G2D products are derivatives of the Atmel Microcontroller family based on the 8/16-bit C251 Architecture.
This family of products is tailored to 8/16-bit microcontroller applications requiring an increased instruction throughput, a
reduced operating frequency or a larger addressable memory space. The architecture can provide a significant code size
reduction when compiling C programs while fully preserving the legacy of C51 assembly routines.
The TSC80251G2D derivatives are pin and software compatible with standard 80C51/Fx/Rx/Rx+ with extended on-chip
data memory (1 Kbyte RAM) and up to 256 kilobytes of external code and data. Additionally, the TSC83251G2D and
TSC87251G2D provide on-chip code memory: 32 kilobytes ROM and 32 kilobytes EPROM/OTPROM respectively.
They provide transparent enhancements to Intel’s 8xC251Sx family with an additional Synchronous Serial Link Controller
(SSLC supporting TWI,
μWire and SPI protocols), a Keyboard interrupt interface, a dedicated Baud Rate Generator for
UART, and Power Management features.
TSC80251G2D derivatives are optimized for speed and for low power consumption on a wide voltage range.
Note:
1. This Datasheet provides the technical description of the TSC80251G2D derivatives. For further information on the device
usage, please request the TSC80251 Programmer’s Guide and the TSC80251G1D Design Guide and errata sheet.
Typical Applications
•
ISDN Terminals
•
High-Speed Modems
•
PABX (SOHO)
•Line Cards
•
DVD ROM and Players
•
Printers
•Plotters
•
Scanners
•
Banking Machines
•
Barcode Readers
•
Smart Cards Readers
•
High-End Digital Monitors
•
High-End Joysticks
•
High-end TV’s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com