Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RTL8100BLLQTP Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # RTL8100BLLQTP
Description  REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8100BLLQTP Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button RTL8100BLLQTP Datasheet HTML 38Page - List of Unclassifed Manufacturers RTL8100BLLQTP Datasheet HTML 39Page - List of Unclassifed Manufacturers RTL8100BLLQTP Datasheet HTML 40Page - List of Unclassifed Manufacturers RTL8100BLLQTP Datasheet HTML 41Page - List of Unclassifed Manufacturers RTL8100BLLQTP Datasheet HTML 42Page - List of Unclassifed Manufacturers RTL8100BLLQTP Datasheet HTML 43Page - List of Unclassifed Manufacturers RTL8100BLLQTP Datasheet HTML 44Page - List of Unclassifed Manufacturers RTL8100BLLQTP Datasheet HTML 45Page - List of Unclassifed Manufacturers RTL8100BLLQTP Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 58 page
background image
RTL8100B(L)
2001-11-9
Rev.1.41
42
♦
The Magic bit (CONFIG3#5) is set to 1, the PMEn bit (CONFIG1#0) is set to 1, and the RTL8100B(L) is in isolation
state, or the PME# can be asserted in current power state.
♦
The Magic Packet pattern matches, i.e. 6 * FFh + MISC(can be none)+ 16 * DID(Destination ID) in any part of a valid
(Fast) Ethernet packet.
Wakeup Frame event occurs only when the following conditions are met:
♦
The destination address of the received Wakeup Frame matches.
♦
The received Wakeup Frame does not contain a CRC error.
♦
The PMEn bit (CONFIG1#0) is set to 1.
The 8-bit CRC* (or 16-bit CRC) of the received Wakeup Frame matches with the 8-bit CRC* (or 16-bit CRC) of the
sample Wakeup Frame pattern received from the local machine’s OS.
The last masked byte** of the received Wakeup Frame matches with the last masked byte** of the sample Wakeup Frame
pattern provided by the local machine’s OS. (In Long Wakeup Frame mode, the last masked byte field is replaced with
the high byte of the 16-bit CRC.)
8-bit CRC:
This 8-bit CRC logic is used to generate an 8-bit CRC from the masked bytes of the received Wakeup Frame packet
within offset 12 to 75. Software should calculate the 8-bit Power Management CRC for each specific sample wakeup
frame and store the calculated CRC in the corresponding CRC register for the RTL8100B(L) to check if there is a
Wakeup Frame packet coming in.
16-bit CRC: (Long Wakeup Frame mode, the mask bytes cover from offset 0 to 127)
Long Wakeup Frame: The RTL8100B(L) also supports 3 long Wakeup Frames. If the range of mask bytes of the
sample Wakeup Frame, passed down by the OS to the driver, exceeds the range from offset 12 to 75, the related
registers of wakeup frame 2 and 3 can be merged to support one long wakeup frame by setting the LongWF (bit0,
CONFIG4). Thus, the range of effective mask bytes extends from offset 0 to 127. The low byte and high byte of the
calculated 16-bit CRC should be put into register CRC2 and LSBCRC2 respectively. The mask bytes (16 bytes)
should be stored to register Wakeup2 and Wakeup3. The CRC3 and LSBCRC3 have no meaning in this case and
should be reset to 0. Long Wakeup Frame pairs are frames 4 and 5, and frames 6 and 7. The CRC5, CRC7,
LSBCRC5, and LSBCRC7 have no meaning in this case and should be reset to 0, if the RTL8100B(L) is set to
support long Wakeup Frames. In this case, the RTL8100B(L) support 5 wakeup frames, that are 2 normal wakeup
frames and 3 long wakeup frames.
** last masked byte:
The last byte of the masked bytes of the received Wakeup Frame packet within offset 12 to 75 (in 8-bit CRC
mode) should match the last byte of the masked bytes of the sample Wakeup Frame provided by the local
machine’s OS.
The PME# signal is asserted only when the following conditions are met:
The PMEn bit (bit0, CONFIG1) is set to 1.
The PME_En bit (bit8, PMCSR) in PCI Configuration Space is set to 1.
The RTL8100B(L) may assert PME# in current power state, or the RTL8100B(L) is in isolation state. Refer to
PME_Support(bit15-11) of the PMC register in PCI Configuration Space.
Magic Packet, LinkUp, or Wakeup Frame has occurred.
* Writing a 1 to the PME_Status (bit15) of PMCSR register in the PCI Configuration Space will clear this bit and cause
the RTL8100B(L) to stop asserting a PME# (if enabled).
When the RTL8100B(L) is in power down mode, ex. D1-D3, the IO, and MEM are all disabled. After RST# asserted, the power
state must be changed to D0 if the original power state is D3cold. There is no hardware enforced delays at RTL8100B(L)’s power
state. When in ACPI mode, the RTL8100B(L) does not support PME from D0 (owing to the setting of PMC register. This setting
comes from EEPROM).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com