Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RTL8100BLLQTP Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # RTL8100BLLQTP
Description  REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8100BLLQTP Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button RTL8100BLLQTP Datasheet HTML 45Page - List of Unclassifed Manufacturers RTL8100BLLQTP Datasheet HTML 46Page - List of Unclassifed Manufacturers RTL8100BLLQTP Datasheet HTML 47Page - List of Unclassifed Manufacturers RTL8100BLLQTP Datasheet HTML 48Page - List of Unclassifed Manufacturers RTL8100BLLQTP Datasheet HTML 49Page - List of Unclassifed Manufacturers RTL8100BLLQTP Datasheet HTML 50Page - List of Unclassifed Manufacturers RTL8100BLLQTP Datasheet HTML 51Page - List of Unclassifed Manufacturers RTL8100BLLQTP Datasheet HTML 52Page - List of Unclassifed Manufacturers RTL8100BLLQTP Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 58 page
background image
RTL8100B(L)
2001-11-9
Rev.1.41
49
11. Electrical Characteristics
11.1 Temperature Limit Ratings
Parameter
Minimum
Maximum
Units
Storage temperature
-55
+125
°C
Operating temperature
0
70
°C
11.2 DC Characteristics
11.2.1 Supply voltage
Vcc = 3.0V min. to 3.6V max.
Symbol
Parameter
Conditions
Minimum
Maximum
Units
VOH
Minimum High Level Output Voltage
IOH= -8mA
0.9 * Vcc
Vcc
V
VOL
Maximum Low Level Output Voltage
IOL= 8mA
0.1 * Vcc
V
VIH
Minimum High Level Input Voltage
0.5 * Vcc
Vcc+0.5
V
VIL
Maximum Low Level Input Voltage
-0.5
0.3 * Vcc
V
IIN
Input Current
VIN=VCC or
GND
-1.0
1.0
uA
IOZ
Tri-State Output Leakage Current
VOUT=VCC or
GND
-10
10
uA
ICC
Average Operating Supply Current
IOUT=0mA,
330
mA
11.2.2 Supply voltage
Vdd25 = 2.3V min. to 2.7V max.
Symbol
Parameter
Conditions
Minimum
Maximum
Units
VOH
Minimum High Level Output Voltage
IOH= -8mA
0.9 * Vdd25
Vdd25
V
VOL
Maximum Low Level Output Voltage
IOL= 8mA
0.1 * Vdd25
V
VIH
Minimum High Level Input Voltage
0.5 * Vdd25
Vdd25+0.5
V
VIL
Maximum Low Level Input Voltage
-0.5
0.3 * Vdd25
V
IIN
Input Current
VIN=Vdd25 or
GND
-1.0
1.0
uA
IOZ
Tri-State Output Leakage Current
VOUT=Vdd25 or
GND
-10
10
uA
Idd25
Average Operating Supply Current
IOUT=0mA,
40
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com