Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC8411LP2FETR Datasheet(PDF) 3 Page - Analog Devices

Part # HMC8411LP2FETR
Description  Low Noise Amplifier, 0.01 GHz to 10 GHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8411LP2FETR Datasheet(HTML) 3 Page - Analog Devices

  HMC8411LP2FETR Datasheet HTML 1Page - Analog Devices HMC8411LP2FETR Datasheet HTML 2Page - Analog Devices HMC8411LP2FETR Datasheet HTML 3Page - Analog Devices HMC8411LP2FETR Datasheet HTML 4Page - Analog Devices HMC8411LP2FETR Datasheet HTML 5Page - Analog Devices HMC8411LP2FETR Datasheet HTML 6Page - Analog Devices HMC8411LP2FETR Datasheet HTML 7Page - Analog Devices HMC8411LP2FETR Datasheet HTML 8Page - Analog Devices HMC8411LP2FETR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Data Sheet
HMC8411LP2FE
Rev. A | Page 3 of 23
SPECIFICATIONS
0.01 GHz TO 1 GHz FREQUENCY RANGE
VDD = 5 V, supply current (IDQ) = 55 mA, and TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
0.01
1
GHz
GAIN
12.5
15.5
dB
Gain Variation over Temperature
0.005
dB/°C
NOISE FIGURE
1.8
dB
RETURN LOSS
Input
22
dB
Output
17
dB
OUTPUT
Output Power for 1 dB Compression
P1dB
17
20
dBm
Saturated Output Power
PSAT
20.5
dBm
Output Third-Order Intercept
OIP3
33.5
dBm
Measurement taken at output power (POUT) per
tone = 6 dBm
Output Second-Order Intercept
OIP2
43
dBm
Measurement taken at POUT per tone one = 6 dBm
POWER ADDED EFFICIENCY
PAE
30
%
Measured at PSAT
SUPPLY CURRENT
IDQ
55
mA
SUPPLY VOLTAGE
VDD
2
5
6
V
1 GHz TO 6 GHz FREQUENCY RANGE
VDD = 5 V, IDQ = 55 mA, and TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
1
6
GHz
GAIN
12
15
dB
Gain Variation over Temperature
0.01
dB/°C
NOISE FIGURE
1.7
dB
RETURN LOSS
Input
25
dB
Output
18
dB
OUTPUT
Output Power for 1 dB Compression
P1dB
17
20
dBm
Saturated Output Power
PSAT
21
dBm
Output Third-Order Intercept
OIP3
34
dBm
Measurement taken at POUT per tone = 6 dBm
Output Second-Order Intercept
OIP2
39
dBm
Measurement taken at POUT per tone = 6 dBm
POWER ADDED EFFICIENCY
PAE
34
%
Measured at PSAT
SUPPLY CURRENT
IDQ
55
mA
SUPPLY VOLTAGE
VDD
2
5
6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com