Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC8411LP2FETR Datasheet(PDF) 13 Page - Analog Devices

Part # HMC8411LP2FETR
Description  Low Noise Amplifier, 0.01 GHz to 10 GHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8411LP2FETR Datasheet(HTML) 13 Page - Analog Devices

Back Button HMC8411LP2FETR Datasheet HTML 9Page - Analog Devices HMC8411LP2FETR Datasheet HTML 10Page - Analog Devices HMC8411LP2FETR Datasheet HTML 11Page - Analog Devices HMC8411LP2FETR Datasheet HTML 12Page - Analog Devices HMC8411LP2FETR Datasheet HTML 13Page - Analog Devices HMC8411LP2FETR Datasheet HTML 14Page - Analog Devices HMC8411LP2FETR Datasheet HTML 15Page - Analog Devices HMC8411LP2FETR Datasheet HTML 16Page - Analog Devices HMC8411LP2FETR Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Data Sheet
HMC8411LP2FE
Rev. A | Page 13 of 23
45
0
5
10
15
20
25
30
35
40
0
1.0
FREQUENCY (GHz)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
+85°C
+25°C
–40°C
Figure 43. PAE vs. Frequency, 0.01 GHz to 1.0 GHz, for
Various Temperatures, VDD = 5 V, IDQ = 55 mA
36
30
24
18
12
6
0
–10
18
INPUT POWER (dBm)
–6
–2
2
6
10
14
96
54
61
68
75
82
89
POUT
GAIN
PAE
IDD
Figure 44. POUT, Gain, PAE, and IDD vs. Input Power,
Power Compression at 1 GHz, VDD = 5 V, IDQ = 55 mA
30
0
–10
18
INPUT POWER (dBm)
–6
–2
2
6
10
14
96
54
61
68
75
82
89
POUT
GAIN
PAE
IDD
6
12
18
24
Figure 45. POUT, Gain, PAE, and IDD vs. Input Power,
Power Compression at 10 GHz, VDD = 5 V, IDQ = 55 mA
0
2
4
6
8
10
12
FREQUENCY (GHz)
45
0
5
10
15
20
25
30
35
40
+85°C
+25°C
–40°C
Figure 46. PAE vs. Frequency, 1 GHz to 12 GHz, for
Various Temperatures, VDD = 5 V, IDQ = 55 mA
36
30
24
18
12
6
0
–10
18
INPUT POWER (dBm)
–6
–2
2
6
10
14
96
54
61
68
75
82
89
POUT
GAIN
PAE
IDD
Figure 47. POUT, Gain, PAE, and IDD vs. Input Power,
Power Compression at 5 GHz, VDD = 5 V, IDQ = 55 mA
25
0
2
8
SUPPLY VOLTAGE (V)
5
10
15
20
3
4
5
6
7
180
40
60
80
100
120
140
160
GAIN
P1dB
PSAT
IDD
Figure 48. POUT, Gain, PAE, and IDD vs. Supply Voltage,
Power Compression at 1 GHz, RBIAS = 1.1 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com