Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC8411LP2FETR Datasheet(PDF) 20 Page - Analog Devices

Part # HMC8411LP2FETR
Description  Low Noise Amplifier, 0.01 GHz to 10 GHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8411LP2FETR Datasheet(HTML) 20 Page - Analog Devices

Back Button HMC8411LP2FETR Datasheet HTML 15Page - Analog Devices HMC8411LP2FETR Datasheet HTML 16Page - Analog Devices HMC8411LP2FETR Datasheet HTML 17Page - Analog Devices HMC8411LP2FETR Datasheet HTML 18Page - Analog Devices HMC8411LP2FETR Datasheet HTML 19Page - Analog Devices HMC8411LP2FETR Datasheet HTML 20Page - Analog Devices HMC8411LP2FETR Datasheet HTML 21Page - Analog Devices HMC8411LP2FETR Datasheet HTML 22Page - Analog Devices HMC8411LP2FETR Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
HMC8411LP2FE
Data Sheet
Rev. A | Page 20 of 23
TYPICAL APPLICATION CIRCUIT
2
1
3
6
5
4
GND
GND
HMC8411LP2FE
R1
1.1kΩ
RFIN
C1
10nF
R2
43Ω
C11
0.1µF
GND
GND
RFOUT
L1
0.9µH
L2
590nH
C2
10nF
VDD
C3
0.1µF
C4
10pF
Figure 70. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com