Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCD7100PWPRG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UCD7100PWPRG4
Description  Digital Control Compatible Single Low-Side 짰-A MOSFET Driver with Current Sense
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD7100PWPRG4 Datasheet(HTML) 5 Page - Texas Instruments

  UCD7100PWPRG4 Datasheet HTML 1Page - Texas Instruments UCD7100PWPRG4 Datasheet HTML 2Page - Texas Instruments UCD7100PWPRG4 Datasheet HTML 3Page - Texas Instruments UCD7100PWPRG4 Datasheet HTML 4Page - Texas Instruments UCD7100PWPRG4 Datasheet HTML 5Page - Texas Instruments UCD7100PWPRG4 Datasheet HTML 6Page - Texas Instruments UCD7100PWPRG4 Datasheet HTML 7Page - Texas Instruments UCD7100PWPRG4 Datasheet HTML 8Page - Texas Instruments UCD7100PWPRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
www.ti.com
VIT−
10%
90%
INPUT
OUTPUT
VIT+
tD1
tF
tF
tD2
UCD7100
SLUS651A – MARCH 2005 – REVISED MAY 2005
ELECTRICAL CHARACTERISTICS (continued)
V
DD = 12 V, 4.7-µF capacitor from VDD to GND, TA = TJ = -40°C to 105°C, (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT DRIVERS
Source current (1)
VDD = 12 V, IN = high, OUT = 5 V
4
Sink current (1)
VDD = 12 V, IN = low, OUT = 5 V
4
A
Source current(1)
VDD = 4.75 V, IN = high, OUT = 0
2
Sink current (1)
VDD = 4.75 V, IN = low, OUT = 4.75 V
3
Rise time, tR(1)
CLOAD = 2.2 nF, VDD = 12 V
10
20
ns
Fall time, tF(1)
CLOAD = 2.2 nF, VDD = 12 V
10
15
Output with VDD < UVLO
VDD = 1.0 V, ISINK = 10 mA
0.8
1.2
V
Propagation delay from IN to OUTx,
CLOAD = 2.2 nF, VDD = 12 V, CLK rising
20
35
ns
tD1
(1)
Ensured by design. Not 100% tested in production.
NOTE:
The 10% and 90% thresholds depict the dynamics of the bipolar output devices that
dominate the power MOSFET transition through the Miller regions of operation.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com