Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCD7100PWPRG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # UCD7100PWPRG4
Description  Digital Control Compatible Single Low-Side 짰-A MOSFET Driver with Current Sense
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD7100PWPRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCD7100PWPRG4 Datasheet HTML 4Page - Texas Instruments UCD7100PWPRG4 Datasheet HTML 5Page - Texas Instruments UCD7100PWPRG4 Datasheet HTML 6Page - Texas Instruments UCD7100PWPRG4 Datasheet HTML 7Page - Texas Instruments UCD7100PWPRG4 Datasheet HTML 8Page - Texas Instruments UCD7100PWPRG4 Datasheet HTML 9Page - Texas Instruments UCD7100PWPRG4 Datasheet HTML 10Page - Texas Instruments UCD7100PWPRG4 Datasheet HTML 11Page - Texas Instruments UCD7100PWPRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
www.ti.com
APPLICATION INFORMATION
Supply
Current Sensing and Protection
Reference / External Bias Supply
Input
UCD7100
SLUS651A – MARCH 2005 – REVISED MAY 2005
The UCD7100 is part of a family of digital compatible
If limiting the rise or fall times to the power device is
drivers targeting applications utilizing digital control
desired, then an external resistance can be added
techniques or applications that require local fast peak
between the output of the driver and the load device,
current limit protection.
which is generally a power MOSFET gate. The
external resistor may also help remove power dissi-
pation from the package.
The UCD7K devices accept an input range of 4.5 V
to 15 V. The device has an internal precision linear
regulator that produces the 3V3 output from this VDD
A very fast current limit comparator connected to the
input. A separate pin, PVDD, not connected internally
CS pin is used to protect the power stage by
to the VDD supply rail provides power for the output
implementing cycle-by-cycle current limiting.
drivers. In all applications the same bus voltage
The current limit threshold is equal to the lesser of
supplies the two pins. It is recommended that a low
the positive inputs at the current limit comparator.
value of resistance be placed between the two pins
The current limit threshold can be set to any value
so that the local capacitance on each pin forms low
between 0.25 V and 1.0 V by applying the desired
pass filters to attenuate any switching noise that may
threshold voltage to the current limit (ILIM) pin. When
be on the bus.
the CS level is greater than the ILIM voltage minus
Although quiescent VDD current is low, total supply
25 mV, the output of the driver is forced low and the
current will be higher, depending on the gate drive
current limit flag (CLF) is set high. The CLF signal is
output current required by the switching frequency.
latched high until the UCD7K device receives the
Total VDD current is the sum of quiescent VDD current
next rising edge on the IN pin.
and the average OUT current. Knowing the operating
When the CS voltage is below ILIM, the driver output
frequency and the MOSFET gate charge (QG), aver-
will follow the PWM input. The CLF digital output flag
age OUT current can be calculated from:
can be monitored by the host controller to determine
IOUT = QG x f, where f is frequency.
when a current limit event occurs and to then apply
the appropriate algorithm to obtain the desired current
For high-speed circuit performance, a VDD bypass
limit profile.
capacitor is recommended to prevent noise problems.
A 4.7-µF ceramic capacitor should be located close to
One of the main benefits of this local protection
the VDD to ground connection. A larger capacitor with
feature is that the UCD7K devices can protect the
relatively low ESR should be connected to the PVDD
power stage if the software code in the digital
pin, to help deliver the high current peaks to the load.
controller becomes corrupted and hangs up. If the
The capacitors should present a low impedance
controller’s PWM output stays high, the local current
characteristic for the expected current levels in the
sense circuit will turn off the driver output when an
driver
application.
The
use
of
surface
mount
over-current condition occurs. The system would
components for all bypass capacitors is highly rec-
likely go into a retry mode because; most DSP and
ommended.
microcontrollers have on-board watchdog, brown-out,
and other supervisory peripherals to restart the de-
vice in the event that it is not operating properly. But
these peripherals typically do not react fast enough to
All devices in the UCD7K family are capable of
save the power stage. The UCD7K’s local current
supplying a regulated 3.3-V rail to power various
limit comparator provides the required fast protection
types of external loads such as a microcontroller or
for the power stage.
an ASIC. The onboard linear voltage regulator is
capable of sourcing up to 10 mA of current. For
The CS threshold is 25 mV below the ILIM voltage.
normal operation, place a minimum of 0.22 µF of
This way, if the user attempts to command zero
ceramic capacitance from the reference pin to
current (ILIM < 25 mV) while the CS pin is at ground,
ground.
for example at start-up, the CLF flag latches high until
the IN pin receives a pulse. At start-up it is necessary
to ensure that the ILIM pin always greater than the
CS pin for the handshaking to work as described
The IN pin is a high impedance digital input capable
below. If for any reason the CS pin comes to within
of accepting 3.3-V logic level signals up to 2 MHz.
25 mV of the ILIM pin during start-up, then the CLF
There is an internal Schmitt Trigger comparator which
isolates the internal circuitry from any external noise.
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com