Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCD7100PWPRG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UCD7100PWPRG4
Description  Digital Control Compatible Single Low-Side 짰-A MOSFET Driver with Current Sense
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD7100PWPRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCD7100PWPRG4 Datasheet HTML 3Page - Texas Instruments UCD7100PWPRG4 Datasheet HTML 4Page - Texas Instruments UCD7100PWPRG4 Datasheet HTML 5Page - Texas Instruments UCD7100PWPRG4 Datasheet HTML 6Page - Texas Instruments UCD7100PWPRG4 Datasheet HTML 7Page - Texas Instruments UCD7100PWPRG4 Datasheet HTML 8Page - Texas Instruments UCD7100PWPRG4 Datasheet HTML 9Page - Texas Instruments UCD7100PWPRG4 Datasheet HTML 10Page - Texas Instruments UCD7100PWPRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
www.ti.com
TERMINAL FUNCTIONS
UCD7100
SLUS651A – MARCH 2005 – REVISED MAY 2005
UCD7100
PIN
I/O
FUNCTION
HTSSOP
DFN-14
NAME
-14 PIN #
PIN #
Supply input pin to power the driver. The UCD7K devices accept an input range of 4.25 V to
1
1
VDD
I
15 V. Bypass the pin with at least 4.7 µF of capacitance.
The IN pin is a high impedance digital input capable of accepting 3.3-V logic level signals up
2
2
IN
I
to 2 MHz. There is an internal Schmitt trigger comparator which isolates the internal circuitry
from any external noise.
Regulated 3.3-V rail. The onboard linear voltage regulator is capable of sourcing up to 10 mA
3
3
3V3
O
of current. Place 0.22-µF of ceramic capacitance from the pin to ground.
4
4
AGND
-
Analog ground return.
Current limit flag. When the CS level is greater than the ILIM voltage minus 25 mV, the output
5
5
CLF
O
of the driver is forced low and the current limit flag (CLF) is set high. The CLF signal is
latched high until the UCD7K device receives the next rising edge on the IN pin.
Current limit threshold set pin. The current limit threshold can be set to any value between
6
6
ILIM
I
0.25 V and 1.0 V.
7
7
NC
-
No Connection.
Current sense pin. Fast current limit comparator connected to the CS pin is used to protect
8
8
CS
I
the power stage by implementing cycle-by-cycle current limiting.
Power ground return. Connect the two PGNDs together. These ground pins should be
9
9
PGND
-
connected very closely to the source of the power MOSFET.
Power ground return. Connect the two PGNDs together. These ground pins should be
10
10
PGND
-
connected very closely to the source of the power MOSFET.
11
11
OUT
O
The high-current TrueDrive™ driver output. Connect the two OUT pins together.
12
12
OUT
O
The high-current TrueDrive™ driver output. Connect the two OUT pins together.
Supply pin provides power for the output drivers. It is not connected internally to the VDD
13
13
PVDD
I
supply rail. Connect the two PVDD pins together.
Supply pin provides power for the output drivers. It is not connected internally to the VDD
14
14
PVDD
I
supply rail. Connect the two PVDD pins together.
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com