Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SW4STM32C Datasheet(PDF) 60 Page - STMicroelectronics

Part # SW4STM32C
Description  STM32 microcontroller debug toolbox
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SW4STM32C Datasheet(HTML) 60 Page - STMicroelectronics

Back Button SW4STM32C Datasheet HTML 56Page - STMicroelectronics SW4STM32C Datasheet HTML 57Page - STMicroelectronics SW4STM32C Datasheet HTML 58Page - STMicroelectronics SW4STM32C Datasheet HTML 59Page - STMicroelectronics SW4STM32C Datasheet HTML 60Page - STMicroelectronics SW4STM32C Datasheet HTML 61Page - STMicroelectronics SW4STM32C Datasheet HTML 62Page - STMicroelectronics SW4STM32C Datasheet HTML 63Page - STMicroelectronics SW4STM32C Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 99 page
background image
Printf debugging
AN4989
60/99
DocID030181 Rev 2
Figure 41. USART2 setting with STM32CubeMX
Retargeting printf to UART depends on the toolchain.
For IAR™ EWARM and Keil® MDK-ARM µVISION this is done by overriding the stdio fputc
function
#include "stdio.h"
int fputc(int ch, FILE *f)
{
HAL_UART_Transmit(&UartHandle, (uint8_t *)&ch, 1, 0xFFFF);
return ch;
}
For GCC based toolset like SW4STM32, two cases can be met.
With syscall.c integrated to the project:
#include "stdio.h"
int __io_putchar(int ch)
{



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99