Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SW4STM32C Datasheet(PDF) 28 Page - STMicroelectronics

Part # SW4STM32C
Description  STM32 microcontroller debug toolbox
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SW4STM32C Datasheet(HTML) 28 Page - STMicroelectronics

Back Button SW4STM32C Datasheet HTML 24Page - STMicroelectronics SW4STM32C Datasheet HTML 25Page - STMicroelectronics SW4STM32C Datasheet HTML 26Page - STMicroelectronics SW4STM32C Datasheet HTML 27Page - STMicroelectronics SW4STM32C Datasheet HTML 28Page - STMicroelectronics SW4STM32C Datasheet HTML 29Page - STMicroelectronics SW4STM32C Datasheet HTML 30Page - STMicroelectronics SW4STM32C Datasheet HTML 31Page - STMicroelectronics SW4STM32C Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 99 page
background image
Compiling for debug
AN4989
28/99
DocID030181 Rev 2
3.2.3
SW4STM32
Option to manage Debugging Information are in Properties -> C/C++ Build -> Settings ->
Tool Settings -> Debugging.
Figure 15. SW4STM32 Debug information option
Debug Level can be set among four levels:
•
None (-g0): Level 0 produces no debug information at all; -g0 negates -g.
•
Minimal (-g1): Level 1 produces minimal information, enough for making backtraces in
parts of the program for which no debug is planned. This includes descriptions of
functions and external variables, and line number tables, but no information about local
variables.
•
Default (-g/-g2): Produce debugging information in the operating system's native format
(stabs, COFF, XCOFF, or DWARF). GDB can work with this debugging information.
•
Maximal (-g3): Level 3 includes extra information, such as all the macro definitions
present in the program. Some debuggers support macro expansion when -g3 is used.
The same pane contains the options to add profiling information.
For further information, refer to Section 3.1 Option Summary available at http://gcc.gnu.org.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99