Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SW4STM32C Datasheet(PDF) 82 Page - STMicroelectronics

Part # SW4STM32C
Description  STM32 microcontroller debug toolbox
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SW4STM32C Datasheet(HTML) 82 Page - STMicroelectronics

Back Button SW4STM32C Datasheet HTML 78Page - STMicroelectronics SW4STM32C Datasheet HTML 79Page - STMicroelectronics SW4STM32C Datasheet HTML 80Page - STMicroelectronics SW4STM32C Datasheet HTML 81Page - STMicroelectronics SW4STM32C Datasheet HTML 82Page - STMicroelectronics SW4STM32C Datasheet HTML 83Page - STMicroelectronics SW4STM32C Datasheet HTML 84Page - STMicroelectronics SW4STM32C Datasheet HTML 85Page - STMicroelectronics SW4STM32C Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 99 page
background image
Managing DBGMCU registers
AN4989
82/99
DocID030181 Rev 2
Figure 60. EWARM C-SPY® Macro script setting
A basic sample code of execUserSetup() function used to enable low-power debug on
L0 is provided below:
execUserSetup(){/* Write a message to the debug log
*/
__message "L0 DBGMCU Setup IAR Macro \n";
__writeMemory32 (0x00400000, 0x40021034, "Memory"); // Enable clock DBG
__writeMemory32 (0x00000007, 0x40015804, "Memory"); // Enable low-power
Debug in DBG_CR
__writeMemory32 (0x00000001, 0x40015808, "Memory"); // DBG_APB1_FZ Timer2
Stop Enable
}
For further information about feature offer by C-SPY® macros please refer to C-SPY®
Debugging Guide available in IAR Help Menu and on www.iar.com.
Note:
IAR™ enables Low-Power debug by default if connected with I-jet™ or cmis-dap compliant
probes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99