Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DTC701 Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # DTC701
Description  Bias Resistor Transistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

DTC701 Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  DTC701 Datasheet HTML 1Page - First Silicon Co., Ltd DTC701 Datasheet HTML 2Page - First Silicon Co., Ltd DTC701 Datasheet HTML 3Page - First Silicon Co., Ltd DTC701 Datasheet HTML 4Page - First Silicon Co., Ltd DTC701 Datasheet HTML 5Page - First Silicon Co., Ltd DTC701 Datasheet HTML 6Page - First Silicon Co., Ltd DTC701 Datasheet HTML 7Page - First Silicon Co., Ltd DTC701 Datasheet HTML 8Page - First Silicon Co., Ltd DTC701 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS(Note 4)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (off) (V CC = 5.0 V, V B = 0.5 V, R L = 1.0 k )
(VCC = 5.0 V, VB = 0 25 V, R L = 1.0 k )
DTC706
DTC710
DTC711
DTC714
VOH
4.9
−
−
Vdc
r ot s i s e R
t u p n I
DTC703
DTC704
DTC707
DTC711
DTC710
DTC717
DTC701
DTC706
DTC708
DTC705
DTC722
DTC709
DTC714
R1
7.0
15.4
32.9
7.0
7.0
3.3
1.5
3.3
3.3
15.4
1.54
70
32.9
32.9
10
22
47
10
10
4.7
2.2
4.7
4.7
22
2 2
100
47
47
13
28.6
61.1
13
13
6.1
2.9
6.1
6.1
28.6
2.86
130
61.1
61.1
k
Resistor Ratio
DTC702 / DTC703 /
DTC704 / DTC722
DTC707
DTC710 / DTC711 / DTC714
DTC701 / DTC717
DTC706
DTC708
DTC705
DTC709
R1/R2
0.8
0.17
−
0.8
0.055
0.38
0.038
1.7
1.0
0.21
−
1.0
0.1
0.47
0.047
2.1
1.2
0.25
−
1.2
0.185
0.56
0.056
2.6
4. Pulse Test: Pulse Width < 300 s, Duty Cycle < 2.0%.
Figure 1. Derating Curve
250
200
150
100
50
0
TA, AMBIENT TEMPERATURE ( C)
R JA = 480 C/W
300
2018. 11. 22
4/10
DTC701~711 / DTC714 / DTC717 / DTC722
Revision No : 1
DTC702



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com