Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DTC701 Datasheet(PDF) 9 Page - First Silicon Co., Ltd

Part # DTC701
Description  Bias Resistor Transistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

DTC701 Datasheet(HTML) 9 Page - First Silicon Co., Ltd

Back Button DTC701 Datasheet HTML 2Page - First Silicon Co., Ltd DTC701 Datasheet HTML 3Page - First Silicon Co., Ltd DTC701 Datasheet HTML 4Page - First Silicon Co., Ltd DTC701 Datasheet HTML 5Page - First Silicon Co., Ltd DTC701 Datasheet HTML 6Page - First Silicon Co., Ltd DTC701 Datasheet HTML 7Page - First Silicon Co., Ltd DTC701 Datasheet HTML 8Page - First Silicon Co., Ltd DTC701 Datasheet HTML 9Page - First Silicon Co., Ltd DTC701 Datasheet HTML 10Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
TYPICAL APPLICATIONS FOR NPN BRTs
LOAD
+12 V
Figure 22. Level Shifter: Connects 12 or 24 Volt Circuits to Logic
IN
OUT
VCC
ISOLATED
LOAD
FROM P OR
OTHER LOGIC
+12 V
Figure 23. Open Collector Inverter:
Inverts the Input Signal
Figure 24. Inexpensive, Unregulated Current Source
2018. 11. 22
9/10
DTC701~711 / DTC714 / DTC717 / DTC722
Revision No : 1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com